Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF3230AMDBVREP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # REF3230AMDBVREP
Description  SOT23-6 SERIES VOLTAGE REFERENCES
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3230AMDBVREP Datasheet(HTML) 5 Page - Texas Instruments

  REF3230AMDBVREP Datasheet HTML 1Page - Texas Instruments REF3230AMDBVREP Datasheet HTML 2Page - Texas Instruments REF3230AMDBVREP Datasheet HTML 3Page - Texas Instruments REF3230AMDBVREP Datasheet HTML 4Page - Texas Instruments REF3230AMDBVREP Datasheet HTML 5Page - Texas Instruments REF3230AMDBVREP Datasheet HTML 6Page - Texas Instruments REF3230AMDBVREP Datasheet HTML 7Page - Texas Instruments REF3230AMDBVREP Datasheet HTML 8Page - Texas Instruments REF3230AMDBVREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
0.10
1.00
10.00
100.00
1000.00
10000.00
80
90
100
110
120
130
140
150
160
Wirebond Voiding
Fail Mode
Electromigration
Fail Mode
Continuuous TJ (5C)
REF3212-EP, REF3220-EP, REF3225-EP
REF3230-EP, REF3233-EP, REF3240-EP
www.ti.com
SBVS078B
– OCTOBER 2006 – REVISED AUGUST 2011
Electrical Characteristics (continued)
Boldface limits apply over the listed temperature range.
TA = 25°C, ILOAD = 0 mA, and VIN = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ILOAD
Output current
VIN = VOUT + 250 mV
(1)
–10
10
mA
Sourcing
50
Short-circuit
ISC
mA
current
Sinking
40
Turn-on settling time
0.1% at VIN = 5 V with CL = 0
60
μs
VL
Reference in shutdown mode
0
0.7
Enable/shutdown(4)
V
VH
Reference is active
1.5
VIN
VOUT +
VIN
Power supply Voltage
IL = 0
5.5
V
0.05(1)
IQ
Power supply Current
IL = 0, ENABLE > 1.5 V
100
120
μA
–55°C ≤ TA ≤ 125°C
115
135
μA
IS
Overtemperature shutdown
ENABLE
< 0.7 V
0.1
1
μA
Specified
–55
125
°C
Temperature
Operating
–55
125
range
Storage
–65
150
θJA
Thermal resistance, SOT23-6
200
°C/W
(4)
If the rise time of the input voltage is less than or equal to 2ms, the ENABLE and IN pins can be tied together. For rise times greater
than 2ms, see the Supply Voltage section.
Figure 2. Operating Life Derating Chart
A.
See Datasheet for Absolute Maximum and Minimum Recommended Operating Conditions.
B.
Silicon Operating Life Design Goal is 10 years at 105
°C Junction Temperature (does not include package
interconnect life).
C.
Enhanced Plastic Product Disclaimer Applies.
Copyright
© 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): REF3212-EP, REF3220-EP, REF3225-EP REF3230-EP, REF3233-EP, REF3240-EP
Not Recommended For
New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com