Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV70233DBVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70233DBVR
Description  TLV702 300-mA, Low-IQ, Low-Dropout Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70233DBVR Datasheet(HTML) 4 Page - Texas Instruments

  TLV70233DBVR Datasheet HTML 1Page - Texas Instruments TLV70233DBVR Datasheet HTML 2Page - Texas Instruments TLV70233DBVR Datasheet HTML 3Page - Texas Instruments TLV70233DBVR Datasheet HTML 4Page - Texas Instruments TLV70233DBVR Datasheet HTML 5Page - Texas Instruments TLV70233DBVR Datasheet HTML 6Page - Texas Instruments TLV70233DBVR Datasheet HTML 7Page - Texas Instruments TLV70233DBVR Datasheet HTML 8Page - Texas Instruments TLV70233DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
TLV702
SLVSAG6C – SEPTEMBER 2010 – REVISED MARCH 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating junction temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
IN
–0.3
6
Voltage(2)
EN
–0.3
6
V
OUT
–0.3
6
Current (source)
OUT
Internally limited
Output short-circuit duration
Indefinite
Total continuous power dissipation
See Thermal Information
Operating virtual junction, TJ
–55
150
Temperature
°C
Storage, Tstg
–55
150
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods my affect device reliability.
(2)
All voltages are with respect to network ground terminal.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101,
±500
all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted).
MIN
NOM
MAX
UNIT
VIN
2
5.5
V
VOUT
1.2
4.8
V
IOUT
0
300
mA
6.4 Thermal Information
TLV702
THERMAL METRIC(1)
DBV (SOT-23)
DSE (WSON)
UNIT
5 PINS
6 PINS
RθJA
Junction-to-ambient thermal resistance
249.2
321.3
RθJC(top)
Junction-to-case (top) thermal resistance
136.4
207.9
RθJB
Junction-to-board thermal resistance
85.9
281.5
°C/W
ψJT
Junction-to-top characterization parameter
19.5
42.4
ψJB
Junction-to-board characterization parameter
85.3
284.8
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
142.3
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TLV702



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com