| Electronic Components Datasheet Search |
|
TLV70233DBVT Datasheet(PDF) 15 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLV70233DBVT Datasheet(HTML) 15 Page - Texas Instruments |
|
15 / 32 page ![]() COUT VOUT VIN GND PLANE CIN Represents via used for application specific connections IN GND EN NC OUT P =(V V ) I - ´ D IN OUT OUT TLV702 www.ti.com SLVSAG6C – SEPTEMBER 2010 – REVISED MARCH 2015 9 Power Supply Recommendations Connect a low output impedance power supply directly to the INPUT pin of the TLV702. Inductive impedances between the input supply and the INPUT pin can create significant voltage excursions at the INPUT pin during start-up or load transient events. 9.1 Power Dissipation The ability to remove heat from the die is different for each package type, presenting different considerations in the printed-circuit-board (PCB) layout. The PCB area around the device that is free of other components moves the heat from the device to the ambient air. Refer to Thermal Information for thermal performance on the TLV702 evaluation module (EVM). The EVM is a two-layer board with two ounces of copper per side. Power dissipation depends on input voltage and load conditions. Power dissipation (PD) is equal to the product of the output current and the voltage drop across the output pass element, as shown in Equation 2. (2) 10 Layout 10.1 Layout Guidelines Input and output capacitors should be placed as close to the device pins as possible. To improve AC performance such as PSRR, output noise, and transient response, TI recommends designing the board with separate ground planes for VIN and VOUT, with the ground plane connected only at the GND pin of the device. In addition, the ground connection for the output capacitor should be connected directly to the GND pin of the device. High ESR capacitors may degrade PSRR performance. 10.2 Layout Examples Figure 28. Layout Example for the DBV Package Copyright © 2010–2015, Texas Instruments Incorporated Submit Documentation Feedback 15 Product Folder Links: TLV702 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |