Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDQ-1/2 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # MDQ-1/2
Description  MDQ Series Dual-Element, Time-Delay, Glass Fuse
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

MDQ-1/2 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  MDQ-1/2 Datasheet HTML 1Page - Cooper Bussmann, Inc. MDQ-1/2 Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
• Dual-element, time-delay
• 1⁄4" x 1 1⁄4" (6.3 x 32mm) physical size
• Glass tube, nickel-plated brass endcap construction
• UL Listed product meets standard 248-14
• Available with axial leads
Agency Information
• UL Listed Card: MDQ-1⁄16 - 7A (Guide JDYX,
File E19180)
• UL Recognition Card: MDQ-7.5 - 15A
(Guide JDYX2, File E19180)
• CSA Component Acceptance Card:
MDQ-1⁄16 - 15 (Class 1422-01)
Ordering
• Specify packaging, product, and option code
(i.e., Bk-MDQ-BV-1)
** DC Cold Resistance (Measured at <10% of rated current)
Electrical Characteristics
Rated Current
% of Amp Rating
Opening Time
100%
None
1
⁄16 - 30A
135%
60 minutes maximum
200%
120 seconds maximum
Specifications
Voltage
Interrupting
Typical DC Cold
Product Code
Rating
Rating
Resistance
Vac
Amps
(
Ω)**
MDQ-1/16
250
35
83.30000
MDQ-1/10
250
35
35.00000
MDQ-1/8
250
35
21.50000
MDQ-3/16
250
35
10.00000
MDQ-2/10
250
35
8.65000
MDQ-1/4
250
35
5.77500
MDQ-3/10
250
35
4.20000
MDQ-3/8
250
35
2.35000
MDQ-1/2
250
35
1.40000
MDQ-3/4
250
35
0.39685
MDQ-1
250
35
0.37400
MDQ-1-1/4
250
100
0.36000
MDQ-1-1/2
250
100
0.27000
MDQ-2
250
100
0.13250
MDQ-2-1/4
250
100
0.11450
MDQ-2-1/2
250
100
0.10050
MDQ-3
250
100
0.05715
MDQ-4
250
200
0.03510
MDQ-5
250
200
0.02650
MDQ-6
250
200
0.01715
MDQ-6-1/4
250
200
0.01690
MDQ-7
250
200
0.01375
MDQ-8
32
1,000
0.01200
MDQ-9
32
1,000
0.00888
MDQ-10
32
1,000
0.00720
MDQ-15
32
1,000
0.00410
1
⁄4" x 1 1⁄4" Fuses
MDQ Series Dual-Element, Time-Delay, Glass Fuse
with axial leads
Dimensions - mm (in)
0308
BU-SB07472
Page 1 of 2
Data Sheet 2044


Similar Part No. - MDQ-1/2

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
MDQ-1/2 EATON-MDQ-1/2 Datasheet
391Kb / 2P
Dual-element time-delay glass fuses
More results

Similar Description - MDQ-1/2

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LPS-RK-6SPI COOPER-LPS-RK-6SPI Datasheet
147Kb / 3P
Dual-Element, Time-Delay Fuses w/Permanent Fuse Indication
LPJ-6SPI COOPER-LPJ-6SPI Datasheet
110Kb / 3P
Dual-Element Time-Delay Fuses
LPJ-70SPI COOPER-LPJ-70SPI Datasheet
114Kb / 3P
Dual-Element, Time-Delay Fuses
LPS-RK-70SPI COOPER-LPS-RK-70SPI Datasheet
127Kb / 3P
Dual-Element, Time-Delay Fuses
LPN-RK-70SPI COOPER-LPN-RK-70SPI Datasheet
138Kb / 3P
Dual-Element Time-Delay Fuses
LPS-RK-70SP COOPER-LPS-RK-70SP Datasheet
139Kb / 3P
Dual-Element, Time-Delay Fuses
FRS-R-9 COOPER-FRS-R-9 Datasheet
83Kb / 2P
Class RK5, Dual-element, Time Delay
logo
List of Unclassifed Man...
LPN-RK-250 ETC1-LPN-RK-250 Datasheet
704Kb / 4P
dual element, time-delay fuses
LPS-RK-600 ETC1-LPS-RK-600 Datasheet
1,014Kb / 4P
dual element, time-delay fuses
logo
Eaton All Rights Reserv...
MDQ EATON-MDQ Datasheet
391Kb / 2P
Dual-element time-delay glass fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com