Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PW149 Datasheet(PDF) 1 Page - SL Power Electronics

Part # PW149
Description  ITE / Switch Mode Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

PW149 Datasheet(HTML) 1 Page - SL Power Electronics

  PW149 Datasheet HTML 1Page - SL Power Electronics PW149 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PW149RB
Universal 12 Watt Series
ITE / Switch Mode Power Supply
LineandLoad
Excludingcord
+/-1%
VoltageRegulation
(±5%atnoload)
Ripple
1%Vp-pmax.foroutput
currentof>0.175A
TransientResponse
0.5msfor50%
LoadChangeTypical
Protection
FoldbackOver-current
Protection
ShortCircuitProtection
Output Specifications
Voltage
100-240VAC-10%,+6%
LineFrequency
47-63Hz
InputCurrent
90VACInput
0.4Amax.
Protection
InternalPrimaryCurrent
Fuse,InrushLimiting
Input Specifications
ThermalPerformance Operatingtemperature 0°Cto40°C
withnoderating
convectionalcooling
Nonventedcase
RelativeHumidity
Non-condensing
5%to95%
Altitude
0-10,000feet
Environmental Specifications
Topology
Switching-Fixed
FrequencyFlyback
DielectricWithstand
3000VAC,4250VDC
Primary-Secondary
Spacing
>5mmPrimary-Secondary
LeakageCurrent
<250uA
Efficiency
MeetsEnergyStarLevelIV
EMI
ClassB
CE
CECompliant
Hold-upTime
@120VAC
17ms,Typical
@240VAC
30ms,Typical
StorageTemp
-30°Cto+85°C
ApprovalsandSafety
UL/cUL60950-1,
Standards
TUV:EN60950-1
Weight
4.80Ounces,136Grams
MTBF
500,000CalculatedHours
Caseand
3.35Lx1.81Wx1.30H(in)
Dimension
85.0Lx46.0Wx33.0H(mm)
CaseMaterial
Black94VOPolycarbonate
CordandConnectors
6ft.2Conductor,18AWG,20AWG,
22AWG,AULT#3Connector.Other
connectorsarealsoavailable.
General Specifications
Specifications
1 Year Warranty
SL Power Electronics Corp • 6050 King Drive • Ventura, CA 93003 • Phone:805.486.4565 • Fax:805.487.8911 • Email:info@slpower.com • www.slpower.com
International Safety Standard Approvals
•100-240VACUniversalInput
•SingleOutputto10W–12W
•EightModelsAvailablefrom5Vto48V
•MeetsSafetyAgencyRequirements
•ComplieswithClassBEMI/RFIRegulations
•CECompliant
•ImpactResistantPolycarbonateEnclosure
•PrivateLabelMarkingAvailable
•ModifiedandCustomDesignsAlsoAvailable
•MeetsENERGYSTARCriteriaLevelIVand
EISARequirements—seereversesidefordetails


Similar Part No. - PW149

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
PW149RB SLPOWER-PW149RB Datasheet
342Kb / 2P
Universal 12 Watt Series
PW149RB05XXX01 SLPOWER-PW149RB05XXX01 Datasheet
342Kb / 2P
Universal 12 Watt Series
PW149RB09XXX01 SLPOWER-PW149RB09XXX01 Datasheet
342Kb / 2P
Universal 12 Watt Series
PW149RB12XXX01 SLPOWER-PW149RB12XXX01 Datasheet
342Kb / 2P
Universal 12 Watt Series
PW149RB15XXX01 SLPOWER-PW149RB15XXX01 Datasheet
342Kb / 2P
Universal 12 Watt Series
More results

Similar Description - PW149

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CENB1020 SLPOWER-CENB1020 Datasheet
411Kb / 2P
ITE Switch-Mode Power Supply
CENB1080 SLPOWER-CENB1080 Datasheet
239Kb / 2P
ITE Switch-Mode Power Supply
CENB1090 SLPOWER-CENB1090 Datasheet
239Kb / 2P
ITE Switch-Mode Power Supply
CENB1100 SLPOWER-CENB1100 Datasheet
241Kb / 2P
ITE Switch-Mode Power Supply
CENB1121 SLPOWER-CENB1121 Datasheet
254Kb / 2P
ITE Switch-Mode Power Supply
PW156 SLPOWER-PW156 Datasheet
238Kb / 2P
ITE / Switch Mode Power Supply
CENB1121 SLPOWER-CENB1121_13 Datasheet
194Kb / 2P
ITE Switch-Mode Power Supply
CENB1100 SLPOWER-CENB1100_15 Datasheet
260Kb / 2P
ITE Switch-Mode Power Supply
CENB1030 SLPOWER-CENB1030_14 Datasheet
266Kb / 2P
ITE Switch-Mode Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com