Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR33055IDEVB Datasheet(PDF) 8 Page - Exar Corporation

Part # XR33055IDEVB
Description  60V Fault Tolerant 3.0V to 5.5V RS-485/RS-422 Transceivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR33055IDEVB Datasheet(HTML) 8 Page - Exar Corporation

Back Button XR33055IDEVB Datasheet HTML 4Page - Exar Corporation XR33055IDEVB Datasheet HTML 5Page - Exar Corporation XR33055IDEVB Datasheet HTML 6Page - Exar Corporation XR33055IDEVB Datasheet HTML 7Page - Exar Corporation XR33055IDEVB Datasheet HTML 8Page - Exar Corporation XR33055IDEVB Datasheet HTML 9Page - Exar Corporation XR33055IDEVB Datasheet HTML 10Page - Exar Corporation XR33055IDEVB Datasheet HTML 11Page - Exar Corporation XR33055IDEVB Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
XR
33052/53/55/58
8/18
REV2A
Pin Functions
Pin Number
Pin Name
Type
Description
Half-duplex
XR33052
XR33055
XR33058
Full-duplex
XR33053
1
2
RO
Output
Receiver output. When RE is low and if (A-B) ≥ 200mV, RO is high.
If (A-B) ≤ -200mV, RO is low. If inputs are left floating, shorted together or
terminated and undriven for more than 2µs, the output is high.
2
3
RE
Input
Receiver output enable (hot swap). When RE is low, RO is enabled.
When RE is high, RO is high impedance, RE should be high and DE should
be low to enter shutdown mode.
3
4
DE
Input
Driver output enable (hot swap). When DE is high, outputs are enabled.
When DE is low, outputs are high impedance, DE should be low and RE
should be high to enter shutdown mode.
4
5
DI
Input
Driver input. With DE high, a low level on DI forces non-inverting output low
and inverting output high. Similarly, a high level on DI forces non-inverting
output high and inverting output low.
5
6, 7
GND
Power
Ground.
8
14
VCC
Power
3.0V to 5.5V power supply input, bypass to ground with 0.1μF capacitor.
12
A
Input
Non-inverting receiver input.
11
B
Input
Inverting receiver input.
9
Y
Output
Non-inverting driver output.
10
Z
Output
Inverting driver output.
6
A/Y
I/O
Non-inverting receiver input and non-inverting driver output.
7
B/Z
I/O
Inverting receiver input and inverting driver output.
1, 8, 13
N/C
-
Not connected.
Pin Configuration
N/C 1
RO 2
RE 3
DE 4
DI 5
GND 6
GND 7
VCC
14
N/C
13
A
12
B
11
Z
10
Y
9
N/C
8
RO 1
RE 2
DE 3
DI 4
VCC
8
B/Z
7
A/Y
6
GND
5
XR33052, XR33055 and XR33058 Half-duplex
XR33053 Full-duplex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com