Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM358BP Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM358BP
Description  Low Power Dual Operational Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM358BP Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM358BP Datasheet HTML 1Page - National Semiconductor (TI) LM358BP Datasheet HTML 2Page - National Semiconductor (TI) LM358BP Datasheet HTML 3Page - National Semiconductor (TI) LM358BP Datasheet HTML 4Page - National Semiconductor (TI) LM358BP Datasheet HTML 5Page - National Semiconductor (TI) LM358BP Datasheet HTML 6Page - National Semiconductor (TI) LM358BP Datasheet HTML 7Page - National Semiconductor (TI) LM358BP Datasheet HTML 8Page - National Semiconductor (TI) LM358BP Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LM158/LM258/LM358/LM2904
Low Power Dual Operational Amplifiers
General Description
The LM158 series consists of two independent, high gain,
internally frequency compensated operational amplifiers
which were designed specifically to operate from a single
power supply over a wide range of voltages. Operation from
split power supplies is also possible and the low power
supply current drain is independent of the magnitude of the
power supply voltage.
Application areas include transducer amplifiers, dc gain
blocks and all the conventional op amp circuits which now
can be more easily implemented in single power supply
systems. For example, the LM158 series can be directly
operated off of the standard +5V power supply voltage which
is used in digital systems and will easily provide the required
interface electronics without requiring the additional ±15V
power supplies.
The LM358 and LM2904 are available in a chip sized pack-
age (8-Bump micro SMD) using National’s micro SMD pack-
age technology.
Unique Characteristics
n
In the linear mode the input common-mode voltage
range includes ground and the output voltage can also
swing to ground, even though operated from only a
single power supply voltage.
n
The unity gain cross frequency is temperature
compensated.
n
The input bias current is also temperature compensated.
Advantages
n
Two internally compensated op amps
n
Eliminates need for dual supplies
n
Allows direct sensing near GND and V
OUT also goes to
GND
n
Compatible with all forms of logic
n
Power drain suitable for battery operation
Features
n
Available in 8-Bump micro SMD chip sized package,
(See AN-1112)
n
Internally frequency compensated for unity gain
n
Large dc voltage gain:
100 dB
n
Wide bandwidth (unity gain):
1 MHz
(temperature compensated)
n
Wide power supply range:
— Single supply:
3V to 32V
— or dual supplies:
±1.5V to ±16V
n
Very low supply current drain (500 µA) — essentially
independent of supply voltage
n
Low input offset voltage:
2 mV
n
Input common-mode voltage range includes ground
n
Differential input voltage range equal to the power
supply voltage
n
Large output voltage swing
Voltage Controlled Oscillator (VCO)
00778723
October 2005
© 2005 National Semiconductor Corporation
DS007787
www.national.com


Similar Part No. - LM358BP

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
LM358BP8-XX-AR TAITRON-LM358BP8-XX-AR Datasheet
634Kb / 10P
Dual Low Offset Operational Amplifier
LM358BP8-XX-BL TAITRON-LM358BP8-XX-BL Datasheet
634Kb / 10P
Dual Low Offset Operational Amplifier
LM358BP8-XX-TR30 TAITRON-LM358BP8-XX-TR30 Datasheet
634Kb / 10P
Dual Low Offset Operational Amplifier
LM358BP8-XX-TR70 TAITRON-LM358BP8-XX-TR70 Datasheet
634Kb / 10P
Dual Low Offset Operational Amplifier
LM358BP8-XX-TU TAITRON-LM358BP8-XX-TU Datasheet
634Kb / 10P
Dual Low Offset Operational Amplifier
More results

Similar Description - LM358BP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
Low Power Dual Operational Amplifiers
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
Low power dual operational amplifiers
25-Apr-2007
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
Low power dual operational amplifiers
11-Feb-2008
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
Low Power Dual Operational Amplifiers
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
Princeton Technology Co...
RS358 PTC-RS358 Datasheet
217Kb / 5P
Low Power Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com