Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7660S Datasheet(PDF) 9 Page - Microchip Technology

Part # TC7660S
Description  SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660S Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC7660S_15 Datasheet HTML 5Page - Microchip Technology TC7660S_15 Datasheet HTML 6Page - Microchip Technology TC7660S_15 Datasheet HTML 7Page - Microchip Technology TC7660S_15 Datasheet HTML 8Page - Microchip Technology TC7660S_15 Datasheet HTML 9Page - Microchip Technology TC7660S_15 Datasheet HTML 10Page - Microchip Technology TC7660S_15 Datasheet HTML 11Page - Microchip Technology TC7660S_15 Datasheet HTML 12Page - Microchip Technology TC7660S_15 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
 2001-2015 Microchip Technology Inc.
DS20001467C-page 9
TC7660S
5.0
APPLICATIONS INFORMATION
5.1
Simple Negative Voltage
Converter
Figure 5-1 shows typical connections to provide a
negative supply where a positive supply is available. A
similar scheme may be employed for supply voltages
anywhere in the operating range of +1.5V to +12V,
keeping in mind that pin 6 (LV) is tied to the supply
negative (GND) only for supply voltages below 3.5V.
FIGURE 5-1:
Simple Negative Converter.
The output characteristics of the circuit in Figure 5-1
are those of a nearly ideal voltage source in series with
a 70
resistor. Thus, for a load current of -10 mA and
a supply voltage of +5V, the output voltage would be
-4.3V.
The dynamic output impedance of the TC7660S is due,
primarily, to capacitive reactance of the charge transfer
capacitor (C1). Since this capacitor is connected to the
output for only half of the cycle, the equation is:
EQUATION
5.2
Paralleling Devices
Any number of TC7660S voltage converters may be
paralleled to reduce output resistance (Figure 5-2). The
reservoir capacitor, C2, serves all devices, while each
device requires its own pump capacitor, C1. The resul-
tant output resistance would be approximately:
EQUATION
FIGURE 5-2:
Paralleling Devices Lowers Output Impedance.
FIGURE 5-3:
Increased Output Voltage By Cascading Devices.
+
V+
+
1
2
3
4
8
7
6
5
TC7660S
VOUT*
C1
10 µF
* VOUT = -V
+ for 1.5V  V+  12V
C2
10 µF
X
C
2
2fC
1
-----------
3.18
==
where:
f = 10 kHz and C1 = 10 µF.
R
OUT
R
OUT of TC7660S

n number of devices

---------------------------------------------------
=
“n”
“1”
RL
+
V+
+
1
2
3
4
8
7
6
5
TC7660S
C1
C2
+
1
2
3
4
8
7
6
5
TC7660S
C1
V
OUT *
“1”
+
V+
+
1
2
3
4
8
7
6
5
TC7660S
10 µF
*
VOUT = -n V+ for 1.5V  V+  12V
“n”
+
1
2
3
4
8
7
6
5
TC7660S
10 µF
10 µF
+
10 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com