Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7660 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC7660
Description  Charge Pump DC-to-DC Voltage Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660 Datasheet(HTML) 1 Page - Microchip Technology

  TC7660_16 Datasheet HTML 1Page - Microchip Technology TC7660_16 Datasheet HTML 2Page - Microchip Technology TC7660_16 Datasheet HTML 3Page - Microchip Technology TC7660_16 Datasheet HTML 4Page - Microchip Technology TC7660_16 Datasheet HTML 5Page - Microchip Technology TC7660_16 Datasheet HTML 6Page - Microchip Technology TC7660_16 Datasheet HTML 7Page - Microchip Technology TC7660_16 Datasheet HTML 8Page - Microchip Technology TC7660_16 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
 2002-2011 Microchip Technology Inc.
DS21465C-page 1
TC7660
Features
• Wide Input Voltage Range: +1.5V to +10V
• Efficient Voltage Conversion (99.9%, typ)
• Excellent Power Efficiency (98%, typ)
• Low Power Consumption: 80 µA (typ) @ VIN = 5V
• Low Cost and Easy to Use
- Only Two External Capacitors Required
• Available in 8-Pin Small Outline (SOIC), 8-Pin
PDIP and 8-Pin CERDIP Packages
• Improved ESD Protection (3 kV HBM)
• No External Diode Required for High-Voltage
Operation
Applications
• RS-232 Negative Power Supply
• Simple Conversion of +5V to ±5V Supplies
• Voltage Multiplication VOUT = ± n V+
• Negative Supplies for Data Acquisition Systems
and Instrumentation
Package Types
General Description
The TC7660 device is a pin-compatible replacement
for the industry standard 7660 charge pump voltage
converter. It converts a +1.5V to +10V input to a corre-
sponding -1.5V to -10V output using only two low-cost
capacitors, eliminating inductors and their associated
cost, size and electromagnetic interference (EMI).
The on-board oscillator operates at a nominal fre-
quency of 10 kHz. Operation below 10 kHz (for lower
supply current applications) is possible by connecting
an external capacitor from OSC to ground.
The TC7660 is available in 8-Pin PDIP, 8-Pin Small
Outline (SOIC) and 8-Pin CERDIP packages in
commercial and extended temperature ranges.
Functional Block Diagram
1
2
3
4
8
7
6
5
TC7660
NC
CAP+
GND
CAP-
VOUT
LOW
VOLTAGE (LV)
OSC
PDIP/CERDIP/SOIC
V+
TC7660
GND
Internal
Voltage
Regulator
RC
Oscillator
Voltage
Level
Translator
V+ CAP+
82
7
6
OSC
LV
3
Logic
Network
VOUT
5
CAP-
4
2
Internal
Voltage
Regulator
Charge Pump DC-to-DC Voltage Converter


Similar Part No. - TC7660_16

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7660CJA MICROCHIP-TC7660CJA Datasheet
386Kb / 18P
Charge Pump DC-to-DC Voltage Converter
2002
logo
TelCom Semiconductor, I...
TC7660COA TELCOM-TC7660COA Datasheet
131Kb / 9P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7660COA MICROCHIP-TC7660COA Datasheet
91Kb / 12P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7660COA MICROCHIP-TC7660COA Datasheet
386Kb / 18P
Charge Pump DC-to-DC Voltage Converter
2002
TC7660COA MICROCHIP-TC7660COA Datasheet
334Kb / 18P
5V To 짹10V Voltage Converter
2005
More results

Similar Description - TC7660_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7660 ONSEMI-MC7660 Datasheet
191Kb / 12P
Charge Pump DC-to-DC Voltage Converter
February, 2000 ??Rev. 2
logo
TelCom Semiconductor, I...
TC1044S TELCOM-TC1044S Datasheet
141Kb / 8P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7660 TELCOM-TC7660 Datasheet
131Kb / 9P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7660S TELCOM-TC7660S Datasheet
136Kb / 8P
SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7662B TELCOM-TC7662B Datasheet
133Kb / 9P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC1044S MICROCHIP-TC1044S Datasheet
92Kb / 11P
Charge Pump DC-TO-DC Voltage Converter
2001
TC7660 MICROCHIP-TC7660 Datasheet
91Kb / 12P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7660S MICROCHIP-TC7660S Datasheet
95Kb / 11P
SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7662B MICROCHIP-TC7662B Datasheet
92Kb / 11P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7660 MICROCHIP-TC7660_02 Datasheet
386Kb / 18P
Charge Pump DC-to-DC Voltage Converter
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com