Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7660SEPA Datasheet(PDF) 21 Page - Microchip Technology

Part # TC7660SEPA
Description  SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660SEPA Datasheet(HTML) 21 Page - Microchip Technology

Back Button TC7660SEPA Datasheet HTML 16Page - Microchip Technology TC7660SEPA Datasheet HTML 17Page - Microchip Technology TC7660SEPA Datasheet HTML 18Page - Microchip Technology TC7660SEPA Datasheet HTML 19Page - Microchip Technology TC7660SEPA Datasheet HTML 20Page - Microchip Technology TC7660SEPA Datasheet HTML 21Page - Microchip Technology TC7660SEPA Datasheet HTML 22Page - Microchip Technology TC7660SEPA Datasheet HTML 23Page - Microchip Technology TC7660SEPA Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
 2001-2015 Microchip Technology Inc.
DS20001467C-page 21
TC7660S
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
TC7660S: DC-to-DC Voltage Converter
Temperature
Range:
C
=
0°C to +70°C (Commercial)
E
=
-40°C to +85°C (Extended)
V
=
-40°C to +125°C (Various)
Package:
PA
= 8-Lead Plastic Dual In-Line - 300 mil Body (PDIP)
OA
= 8-Lead Plastic Small Outline - Narrow, 3.90 mm Body (SOIC)
Tape and
Reel
Blank = Tube
713
= Tape and Reel (SOIC only)
723
= Reverse Tape and Reel (SOIC only)
Examples:
a)
TC7660SCPA:
Commercial
temperature,
PDIP package
a)
TC7660SCPA:
Commercial
temperature,
PDIP package
a)
TC7660SEPA:
Extended temperature, PDIP
package
b)
TC7660SCOA:
Commercial
temperature,
SOIC package
c)
TC7660SCOA713: Tape and Reel,
Commercial temperature, SOIC package
d)
TC7660SEOA:
Extended temperature, SOIC
package
e)
TC7660SEOA713:
Tape and Reel, Extended
temperature, SOIC package
f)
TC7660SEOA723:
Reverse Tape and Reel,
Extended temperature, SOIC package
[X](1)
Tape and Reel
Option
Note 1:
Tape and Reel identifier only appears in
the catalog part number description. This
identifier is used for ordering purposes and
is not printed on the device package.
Check with your Microchip Sales Office for
package availability with the Tape and
Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com