Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAC1710 Datasheet(PDF) 13 Page - Microchip Technology

Part # PAC1710
Description  Single and Dual High-Side Current-Sense Monitor with Power Calculation
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PAC1710 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PAC1710 Datasheet HTML 9Page - Microchip Technology PAC1710 Datasheet HTML 10Page - Microchip Technology PAC1710 Datasheet HTML 11Page - Microchip Technology PAC1710 Datasheet HTML 12Page - Microchip Technology PAC1710 Datasheet HTML 13Page - Microchip Technology PAC1710 Datasheet HTML 14Page - Microchip Technology PAC1710 Datasheet HTML 15Page - Microchip Technology PAC1710 Datasheet HTML 16Page - Microchip Technology PAC1710 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
 2015-2016 Microchip Technology Inc.
DS20005386B-page 13
PAC1710/20
4.0
GENERAL DESCRIPTION
The
PAC1710/20
is
a
bidirectional
high-side
current-sensing
device
with
precision
voltage
measurement capabilities. It measures the voltage
developed across an external sense resistor to
represent the high-side current of a battery or voltage
regulator. The PAC1710/20 also measures the
SENSE1+ and SENSE2+ pin voltages (VSOURCE) and
calculates average power over the integration period.
The PAC1710/20 measures the differential voltage
across an external sense resistor, digitizes it with a
variable resolution (6-bit to 11-bit plus sign)
Sigma-Delta ADC, and transmits via the SMBus or the
I2C™ protocol. The current range allows for large
variations in measured current with high accuracy and
low voltage drop across the resistor.
The PAC1710/20 has programmable high and low
limits for current sense and bus voltage with a
maskable ALERT signal to the host when an
out-of-limit measurement occurs.
A system diagram is shown in Figure 4-1.
FIGURE 4-1:
PAC1710/20 System Diagram.
PAC1710/20
Host
MCU
SMDATA
SMCLK
ALERT
VSOURCE
0V
– 40V
Sense
Resistors
VDD
3.0V to 5.5V
ADDR_SEL
GND
3.0V to
5.0V
100k
– 1M
5.2V Zener
Note 1:
The device MUST be biased PRIOR to applying VSOURCE. Failure to do so will result in damage.
2:
The unpowered bias on VDD must be greater than VDD, if VDD will be removed prior to VSOURCE.
*PAC1720 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com