Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7660EPA Datasheet(PDF) 2 Page - Microchip Technology

Part # TC7660EPA
Description  Charge Pump DC-to-DC Voltage Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660EPA Datasheet(HTML) 2 Page - Microchip Technology

  TC7660EPA Datasheet HTML 1Page - Microchip Technology TC7660EPA Datasheet HTML 2Page - Microchip Technology TC7660EPA Datasheet HTML 3Page - Microchip Technology TC7660EPA Datasheet HTML 4Page - Microchip Technology TC7660EPA Datasheet HTML 5Page - Microchip Technology TC7660EPA Datasheet HTML 6Page - Microchip Technology TC7660EPA Datasheet HTML 7Page - Microchip Technology TC7660EPA Datasheet HTML 8Page - Microchip Technology TC7660EPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TC7660
DS21465C-page 2
 2002-2011 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage .............................................................+10.5V
LV and OSC Inputs Voltage: (Note 1)
.............................................. -0.3V to VSS for V
+ < 5.5V
..................................... (V+ – 5.5V) to (V+) for V+ > 5.5V
Current into LV ......................................... 20 µA for V+ > 3.5V
Output Short Duration (VSUPPLY  5.5V)...............Continuous
Package Power Dissipation: (TA  70°C)
8-Pin CERDIP ....................................................800 mW
8-Pin PDIP .........................................................730 mW
8-Pin SOIC .........................................................470 mW
Operating Temperature Range:
C Suffix.......................................................0°C to +70°C
I Suffix .....................................................-25°C to +85°C
E Suffix....................................................-40°C to +85°C
M Suffix .................................................-55°C to +125°C
Storage Temperature Range .........................-65°C to +160°C
ESD protection on all pins (HBM) .................................
 3kV
Maximum Junction Temperature ........... ....................... 150°C
* Notice: Stresses above those listed under “Maximum Rat-
ings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational sections of this specification is not intended. Expo-
sure to maximum rating conditions for extended periods may
affect device reliability.
FIGURE 1-1:
TC7660 Test Circuit.
ELECTRICAL SPECIFICATIONS
1
2
3
4
8
7
6
5
TC7660
+
V+
(+5V)
VOUT
C1
10 µF
COSC
+
C2
10 µF
IL
RL
IS
Electrical Characteristics: Unless otherwise noted, specifications measured over operating temperature range with V+ = 5V,
COSC = 0, refer to test circuit in Figure 1-1.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Supply Current
I+
—
80
180
µA
RL =
Supply Voltage Range, High
V+H
3.0
—
10
V
Min
TAMax, RL = 10 k, LV Open
Supply Voltage Range, Low
V+L
1.5
—
3.5
V
Min
TAMax, RL = 10 k, LV to GND
Output Source Resistance
ROUT
—
70
100
IOUT=20 mA, TA = +25°C
—
—
120
IOUT=20 mA, TA  +70°C (C Device)
—
—
130
IOUT=20 mA, TA  +85°C (E and I Device)
—
104
150
IOUT=20 mA, TA  +125°C (M Device)
—
150
300
V+ = 2V, IOUT = 3 mA, LV to GND
0°C
 TA  +70°C
—
160
600
V+ = 2V, IOUT = 3 mA, LV to GND
-55°C
 TA  +125°C (M Device)
Oscillator Frequency
fOSC
—
10
—
kHz
Pin 7 open
Power Efficiency
PEFF
95
98
—
%
RL = 5 k
Voltage Conversion Efficiency
VOUTEFF
97
99.9
—
%
RL =
Oscillator Impedance
ZOSC
—1.0
—
M
V+ = 2V
—
100
—
k
V+ = 5V
Note 1: Destructive latch-up may occur if voltages greater than V+ or less than GND are supplied to any input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com