Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD3030 Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # SD3030
Description  SCHOTTKY BARRIER RECTIFIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

SD3030 Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  SD3030 Datasheet HTML 1Page - EIC discrete Semiconductors SD3030 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( SD3030 )
FIG.1 - FORWARD CURRENT DERATING CURVE
0
50
100
150
200
FIG.2 - TYPICAL FORWARD CHARACTERISTICS
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Page 2 of 2
Rev. 01 : January 19, 2011
20
0
1.0
0.1
10
FORWARD VOLTAGE, (V)
40
60
100
120
100
0.01
AMBIENT TEMPERATURE, (°C)
80
V
R < 80% V
RRM
DC forward mode
T
J = 25 °C
www.eicsemi.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com