Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC45116 Datasheet(PDF) 19 Page - Microchip Technology

Part # MIC45116
Description  20V/6A DC/DC Power Module
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC45116 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MIC45116 Datasheet HTML 15Page - Microchip Technology MIC45116 Datasheet HTML 16Page - Microchip Technology MIC45116 Datasheet HTML 17Page - Microchip Technology MIC45116 Datasheet HTML 18Page - Microchip Technology MIC45116 Datasheet HTML 19Page - Microchip Technology MIC45116 Datasheet HTML 20Page - Microchip Technology MIC45116 Datasheet HTML 21Page - Microchip Technology MIC45116 Datasheet HTML 22Page - Microchip Technology MIC45116 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
 2016 Microchip Technology Inc.
DS20005571A-page 19
MIC45116
4.0
FUNCTIONAL DESCRIPTION
The MIC45116 is an adaptive ON-time synchronous
buck regulator module built for high-input voltage to
low-output voltage conversion applications. The
MIC45116 is designed to operate over a wide input
voltage range, from 4.75V to 20V, and the output is
adjustable with an external resistor divider. An adaptive
ON-time control scheme is employed to obtain a
constant switching frequency in steady state and to
simplify the control compensation. Hiccup mode
over-current protection is implemented by sensing
low-side MOSFET’s RDS(ON). The device features
internal soft-start, enable, UVLO, and thermal
shutdown. The module has integrated switching FETs,
inductor, bootstrap diode, and bypass capacitors.
4.1
Theory of Operation
Figure 4-1, in association with Equation 4-1, shows the
output voltage is sensed by the MIC45116 feedback pin
(FB) via the voltage divider RFB1 and RFB2 and
compared to a 0.8V reference voltage (VREF) at the
error comparator through a low-gain transconductance
(gm) amplifier. If the feedback voltage decreases, and
the amplifier output falls below 0.8V, then the error
comparator will trigger the control logic and generate
an ON-time period. The ON-time period length is
predetermined by the Fixed tON Estimator circuitry:
FIGURE 4-1:
Output Voltage Sense via
FB Pin.
EQUATION 4-1:
At the end of the ON-time period, the internal high-side
driver turns off the high-side MOSFET and the low-side
driver turns on the low-side MOSFET. The OFF-time
period length depends upon the feedback voltage in
most cases. When the feedback voltage decreases
and the output of the gm amplifier falls below 0.8V, the
ON-time period is triggered and the OFF-time period
ends. If the OFF-time period determined by the
feedback voltage is less than the minimum OFF-time
tOFF(MIN), which is about 250 ns, the MIC45116 control
logic will apply the tOFF(MIN) instead. tOFF(MIN) is
required to maintain enough energy in the internal
boost capacitor (CBST) to drive the high-side MOSFET.
The maximum duty cycle is obtained from the 250 ns
tOFF(MIN):
EQUATION 4-2:
It is not recommended to use MIC45116 with an
OFF-time close to tOFF(MIN) during steady-state
operation.
The adaptive ON-time control scheme results in a
constant switching frequency in the MIC45116 during
steady state operation. The actual ON-time and
resulting switching frequency will vary with the different
rising and falling times of the MOSFETs. Also, the
minimum tON results in a lower switching frequency in
high VIN to VOUT applications. During load transients,
the switching frequency is changed due to the varying
OFF-time.
To illustrate the control loop operation, we will analyze
both the steady-state and load transient scenarios. For
easy analysis, the gain of the gm amplifier is assumed
to be 1. With this assumption, the inverting input of the
error comparator is the same as the feedback voltage.
Figure 4-2 shows the MIC45116 control loop timing
during steady-state operation. During steady-state, the
gm amplifier senses the feedback voltage ripple, which
is proportional to the output voltage ripple plus injected
voltage ripple, to trigger the ON-time period. The
ON-time is predetermined by the tON estimator. The
termination of the OFF-time is controlled by the
feedback voltage. At the valley of the feedback voltage
ripple, which occurs when VFB falls below VREF, the
OFF period ends and the next ON-time period is
triggered through the control logic circuitry.
SW
INTERNAL
RIPPLE
INJECTION
V
INJ
COMP
COMPENSATION
g
M EA
FB
R
FB1
R
FB2
V
REF
0.8V
t
ON ESTIMATED

V
OUT
V
IN
f
SW
-----------------------
=
Where:
VOUT
Output Voltage
VIN
Power Stage Input Voltage
fSW
Switching Frequency
D
MAX
t
S
t
OFF MIN

–
t
S
-----------------------------------1 250ns
t
S
---------------
–
==
Where:
tS
1/fSW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com