Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC28511 Datasheet(PDF) 22 Page - Microchip Technology

Part # MIC28511
Description  60VIN, 3A Synchronous Buck Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC28511 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MIC28511 Datasheet HTML 18Page - Microchip Technology MIC28511 Datasheet HTML 19Page - Microchip Technology MIC28511 Datasheet HTML 20Page - Microchip Technology MIC28511 Datasheet HTML 21Page - Microchip Technology MIC28511 Datasheet HTML 22Page - Microchip Technology MIC28511 Datasheet HTML 23Page - Microchip Technology MIC28511 Datasheet HTML 24Page - Microchip Technology MIC28511 Datasheet HTML 25Page - Microchip Technology MIC28511 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
MIC28511
DS20005520A-page 22
 2016 Microchip Technology Inc.
5.0
APPLICATION INFORMATION
5.1
Output Voltage Setting
Components
The MIC28511 requires two resistors to set the output
voltage as shown in Figure 5-1.
FIGURE 5-1:
Voltage Divider
Configuration.
The output voltage is determined by Equation 5-1.
EQUATION 5-1:
A typical value of R1 used on the standard evaluation
board is 10 kΩ. If R1 is too large, it may allow noise to
be introduced into the voltage feedback loop. If R1 is
too small in value, it will decrease the efficiency of the
power supply, especially at light loads. Once R1 is
selected, R2 can be calculated using Equation 5-2:
EQUATION 5-2:
5.2
Setting the Switching Frequency
The MIC28511 switching frequency can be adjusted by
changing the resistor divider network from VIN.
FIGURE 5-2:
Switching Frequency
Adjustment.
Equation 5-3 gives the estimated switching frequency.
EQUATION 5-3:
Figure 5-3 shows the switching frequency versus the
resistor R17 when R19 = 100 kΩ.
FIGURE 5-3:
Switching Frequency vs.
R17.
5.3
Inductor Selection
Values for inductance, peak, and RMS currents are
required to select the output inductor. The input and
output voltages and the inductance value determine
the peak-to-peak inductor ripple current. Generally,
higher inductance values are used with higher input
voltages. Larger peak-to-peak ripple currents will
increase the power dissipation in the inductor and
g
M AMP
V
REF
FB
R1
R2
V
OUT
V
FB
1
R1
R2
-------
+


=
Where:
VFB
0.8V
R2
V
FB
R1
V
OUT
V
FB
–
-----------------------------
=
f
SW
f
0
R17
R17
R19
+
--------------------------


=
Where:
f0
Switching frequency when R17 is open;
typically 680 kHz.
10
100
1000
10000
R17 (k )
V
IN = 60V
V
IN = 12V
R19 = 100k , I
OUT = 1A
700
600
500
400
300
200
100
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com