Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2876 Datasheet(PDF) 15 Page - Microchip Technology

Part # MIC2876
Description  4.8A ISW, Synchronous Boost Regulator with Bi-Directional Load Disconnect
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2876 Datasheet(HTML) 15 Page - Microchip Technology

Back Button MIC2876 Datasheet HTML 11Page - Microchip Technology MIC2876 Datasheet HTML 12Page - Microchip Technology MIC2876 Datasheet HTML 13Page - Microchip Technology MIC2876 Datasheet HTML 14Page - Microchip Technology MIC2876 Datasheet HTML 15Page - Microchip Technology MIC2876 Datasheet HTML 16Page - Microchip Technology MIC2876 Datasheet HTML 17Page - Microchip Technology MIC2876 Datasheet HTML 18Page - Microchip Technology MIC2876 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
 2016 Microchip Technology Inc.
DS20005572A-page 15
MIC2876
7.0
POWER DISSIPATION
As with all power devices, the ultimate current rating of
the output is limited by the thermal properties of the
device package and the PCB on which the device is
mounted. There is a simple, Ohm’s law-type
relationship between thermal resistance, power
dissipation, and temperature which are analogous to
an electrical circuit (see Figure 7-1):
FIGURE 7-1:
Series Electrical Resistance
Circuit.
From this simple circuit we can calculate VX if we know
ISOURCE, VZ, and the resistor values, RXY and RYZ
using Equation 7-1:
EQUATION 7-1:
Thermal circuits can be considered using this same
rule and can be drawn similarly by replacing current
sources with power dissipation (in watts), resistance
with thermal resistance (in °C/W) and voltage sources
with temperature (in °C).
FIGURE 7-2:
Series Thermal Resistance
Circuit.
Now replacing the variables in the equation for VX, we
can find the junction temperature (TJ) from the power
dissipation, ambient temperature and the known
thermal resistance of the PCB (θCA) and the package
(θJC).
EQUATION 7-2:
As can be seen in the diagram, total thermal resistance
θJA = θJC + θCA. This can also be written as in
Equation 7-3:
EQUATION 7-3:
Given that all of the power losses (minus the inductor
losses) are effectively in the converter are dissipated
within the MIC2876 package, PDISS can be calculated
thusly:
EQUATION 7-4:
LINEAR MODE
EQUATION 7-5:
BOOST MODE
EQUATION 7-6:
DUTY CYCLE (BOOST)
In the equations above, ƞ is the efficiency taken from
the efficiency curves and DCR represents the inductor
DCR. θJC and θJA are found in the temperature
specifications section of the data sheet.
Where the real board area differs from 1” square, θCA
(the PCB thermal resistance), values for various PCB
copper areas can be taken from Figure 7-3.
V
X
I
SOURCE
R
XY
R
YZ
+
 V
Z
+
=
T
J
P
DISS
JC
CA
+
 T
A
+
=
T
J
P
DISS
JA
 T
A
+
=
P
DISS
P
OUT
1
---
1
–


I
OUT
2
–
DCR
=
P
DISS
P
OUT
1
---
1
–


I
OUT
1
D
–
-------------


2
–
DCR
=
D
V
OUT
V
IN
–
V
OUT
----------------------------
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com