Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2582 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2582
Description  Single Channel Hot Swap Controllers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2582 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2582 Datasheet HTML 1Page - Micrel Semiconductor MIC2582 Datasheet HTML 2Page - Micrel Semiconductor MIC2582 Datasheet HTML 3Page - Micrel Semiconductor MIC2582 Datasheet HTML 4Page - Micrel Semiconductor MIC2582 Datasheet HTML 5Page - Micrel Semiconductor MIC2582 Datasheet HTML 6Page - Micrel Semiconductor MIC2582 Datasheet HTML 7Page - Micrel Semiconductor MIC2582 Datasheet HTML 8Page - Micrel Semiconductor MIC2582 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
MIC2582/MIC2583
Micrel
MIC2582/MIC2583
2
April 2003
Ordering Information
Fast Circuit
Part Number
Breaker Threshold
Circuit Breaker
Package
MIC2582-JBM
100mV
Latched off
8-pin SOIC
MIC2583-xBQS
x = J, 100mV
Latched off
16-pin QSOP
x = K, 150mV
x = L, 200mV
x = M, Off
MIC2583R-xBQS
x = J, 100mV
Auto-retry
16-pin QSOP
x = K*, 150mV
x = L*, 200mV
x = M*, Off
* Contact factory for availability.
Pin Configuration
1
/POR
ON
CPOR
GND
8
VCC
SENSE
GATE
FB
7
6
5
2
3
4
8-Pin SOIC (M)
1
/POR
PWRGD
ON
CPOR
CFILTER
NC
GND
GND
16 VCC
SENSE
GATE
DIS
FB
/FAULT
NC
NC
15
14
13
12
11
10
9
2
3
4
5
6
7
8
16-Pin QSOP (QS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com