Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2144MDWREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2144MDWREP
Description  Excalibur LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2144MDWREP Datasheet(HTML) 1 Page - Texas Instruments

  TLE2144MDWREP Datasheet HTML 1Page - Texas Instruments TLE2144MDWREP Datasheet HTML 2Page - Texas Instruments TLE2144MDWREP Datasheet HTML 3Page - Texas Instruments TLE2144MDWREP Datasheet HTML 4Page - Texas Instruments TLE2144MDWREP Datasheet HTML 5Page - Texas Instruments TLE2144MDWREP Datasheet HTML 6Page - Texas Instruments TLE2144MDWREP Datasheet HTML 7Page - Texas Instruments TLE2144MDWREP Datasheet HTML 8Page - Texas Instruments TLE2144MDWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1
FEATURES
1
2
3
4
8
7
6
5
1OUT
1IN-
1IN+
VCC-
VCC+
2OUT
2IN-
2IN+
TLE2142
D PACKAGE
(TOP VIEW)
NC – No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1OUT
1IN-
1IN+
VCC+
2IN+
2IN-
2OUT
NC
4OUT
4IN-
4IN+
VCC-
3IN+
3IN-
3OUT
NC
TLE2144
DW PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
OFFSET N1
IN-
IN+
VCC-
NC
VCC+
OUT
OFFSET N2
TLE2141
D PACKAGE
(TOP VIEW)
DESCRIPTION
TLE2141-EP
TLE2142-EP
TLE2144-EP
www.ti.com........................................................................................................................................................................................................ SLOS577 – MAY 2008
Excalibur™ LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
2
• Controlled Baseline
• Low Noise
–
One Assembly Site
–
10 Hz...15 nV/
√Hz
–
One Test Site
–
1 kHz...10.5 nV/
√Hz
–
One Fabrication Site
• 10 000-pF Load Capability
• Extended Temperature Performance of
• 20-mA (Min) Short-Circuit Output Current
–55
°C to 125°C
• 27-V/µs Slew Rate (Min)
• Enhanced Diminishing Manufacturing Sources
• High Gain-Bandwidth Product...5.9 MHz
(DMS) Support
• Low V
IO...900 µV (Max) at 25°C
• Enhanced Product-Change Notification
• Single or Split Supply...4 V to 44 V
• Qualification Pedigree(1)
• Fast Settling Time
(1)
Component qualification in accordance with JEDEC and
–
340 ns to 0.1%
industry standards to ensure reliable operation over an
extended temperature range. This includes, but is not limited
–
400 ns to 0.01%
to, Highly Accelerated Stress Test (HAST) or biased 85/85,
• Saturation Recovery...150 ns
temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound
• Large Output Swing...
life. Such qualification testing should not be viewed as
VCC– + 0.1 V to VCC+ – 1 V
justifying use of this component beyond specified
performance and environmental limits.
The TLE214x devices are high-performance, internally compensated operational amplifiers built using the Texas
Instruments complementary bipolar Excalibur™ process. They are pin-compatible upgrades to standard industry
products.
The design incorporates an input stage that simultaneously achieves low audio-band noise of 10.5 nV/
√Hz with a
10-Hz 1/f corner and symmetrical 40-V/
µs slew rate typically with loads up to 800 pF. The resulting low distortion
and high power bandwidth are important in high-fidelity audio applications. A fast settling time of 340 ns to 0.1%
of a 10-V step with a 2-k
Ω/100-pF load is useful in fast actuator/positioning drivers. Under similar test conditions,
settling time to 0.01% is 400 ns.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Excalibur is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLE2144MDWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2144MDWREP TI-TLE2144MDWREP Datasheet
1Mb / 22P
Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
More results

Similar Description - TLE2144MDWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2142X TI-TLE2142X Datasheet
1Mb / 72P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE214X TI-TLE214X_08 Datasheet
1Mb / 72P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2141-EP TI-TLE2141-EP Datasheet
1Mb / 22P
Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2027-EP TI1-TLE2027-EP Datasheet
795Kb / 28P
Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2142-Q1 TI1-TLE2142-Q1 Datasheet
473Kb / 23P
Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2027IDRG4 TI1-TLE2027IDRG4 Datasheet
1,022Kb / 46P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2037IDR TI1-TLE2037IDR Datasheet
994Kb / 46P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
TLE2144-EP TI-TLE2144-EP_15 Datasheet
737Kb / 33P
Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2142-Q1 TI-TLE2142-Q1_15 Datasheet
465Kb / 25P
Excalibur??LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIER
TLE2027 TI1-TLE2027_17 Datasheet
968Kb / 45P
EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com