Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2904M Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2904M
Description  Low Power Dual Operational Amplifiers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2904M Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2904M Datasheet HTML 1Page - National Semiconductor (TI) LM2904M Datasheet HTML 2Page - National Semiconductor (TI) LM2904M Datasheet HTML 3Page - National Semiconductor (TI) LM2904M Datasheet HTML 4Page - National Semiconductor (TI) LM2904M Datasheet HTML 5Page - National Semiconductor (TI) LM2904M Datasheet HTML 6Page - National Semiconductor (TI) LM2904M Datasheet HTML 7Page - National Semiconductor (TI) LM2904M Datasheet HTML 8Page - National Semiconductor (TI) LM2904M Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Absolute Maximum Ratings (Note 9)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
LM158/LM258/LM358
LM2904
LM158A/LM258A/LM358A
Supply Voltage, V
+
32V
26V
Differential Input Voltage
32V
26V
Input Voltage
−0.3V to +32V
−0.3V to +26V
Power Dissipation (Note 1)
Molded DIP
830 mW
830 mW
Metal Can
550 mW
Small Outline Package (M)
530 mW
530 mW
micro SMD
435mW
Output Short-Circuit to GND
(One Amplifier) (Note 2)
V
+
≤ 15V and T
A = 25˚C
Continuous
Continuous
Input Current (V
IN < −0.3V) (Note 3)
50 mA
50 mA
Operating Temperature Range
LM358
0˚C to +70˚C
−40˚C to +85˚C
LM258
−25˚C to +85˚C
LM158
−55˚C to +125˚C
Storage Temperature Range
−65˚C to +150˚C
−65˚C to +150˚C
Lead Temperature, DIP
(Soldering, 10 seconds)
260˚C
260˚C
Lead Temperature, Metal Can
(Soldering, 10 seconds)
300˚C
300˚C
Soldering Information
Dual-In-Line Package
Soldering (10 seconds)
260˚C
260˚C
Small Outline Package
Vapor Phase (60 seconds)
215˚C
215˚C
Infrared (15 seconds)
220˚C
220˚C
See AN-450 “Surface Mounting Methods and Their Effect on Product Reliability” for other methods of soldering
surface mount devices.
ESD Tolerance (Note 10)
250V
250V
Electrical Characteristics
V
+ = +5.0V, unless otherwise stated
Parameter
Conditions
LM158A
LM358A
LM158/LM258
Units
Min Typ
Max
Min Typ
Max
Min Typ
Max
Input Offset Voltage
(Note 5), T
A = 25˚C
1
2
2
3
2
5
mV
Input Bias Current
I
IN(+) or IIN(−),TA = 25˚C,
20
50
45
100
45
150
nA
V
CM = 0V, (Note 6)
Input Offset Current
I
IN(+) −IIN(−),VCM = 0V, TA = 25˚C
2
10
5
30
3
30
nA
Input Common-Mode
V
+ = 30V, (Note 7)
0
V
+−1.5
0
V
+−1.5
0
V
+−1.5
V
Voltage Range
(LM2904, V
+ = 26V), T
A = 25˚C
Supply Current
Over Full Temperature Range
R
L = ∞ on All Op Amps
V
+ = 30V (LM2904 V+ = 26V)
1
2
1
2
1
2
mA
V
+ = 5V
0.5
1.2
0.5
1.2
0.5
1.2
mA
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com