Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MU425S Datasheet(PDF) 2 Page - SL Power Electronics

Part # MU425S
Description  425W Single Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MU425S Datasheet(HTML) 2 Page - SL Power Electronics

  MU425S Datasheet HTML 1Page - SL Power Electronics MU425S Datasheet HTML 2Page - SL Power Electronics MU425S Datasheet HTML 3Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MU425S
425W Single Output
Medical Power Supply
www.slpower.com
MU425S
REV 3.1
14-APR-16
2
General Specifications (continued)
Leakage
Current
Earth: <750μA@264Vac, 60Hz, NC
<1.5mA@264Vac, SFC
Touch: <100uA @264Vac, NC
<500uA @264Vac, SFC
Short Circuit
Protection
Main Output & 5Vsb: Cycling type, auto recovery.
Fan Output: Recovery only after removal of short and
load. See note 5 above.
Power Factor
>0.99 @ 115Vac, Full Load
>0.95 @ 230Vac, Full Load
Overvoltage
Protection
OVP latch, see chart for trip ranges.
5V standby output (latch), see chart for trip range.
Output Power
425W continuous (24V model), with 200 lfm
airflow. 408W for 18V, 385W for 12V models.
300W convection cooled (280W for 12V model)
Isolation
Input-Output:
2 MOPP
Input-Ground:
1 MOPP
Output-Ground: 1500Vdc
Transient Response
50% load step, ∆i/∆t: <0.2A/μS. Max Voltage
Deviation = 5%. Recover to within 1% of
nominal within 500µS
Operating
Temperature
-10 to 70°C. Starts up- 40°C. The unit will meet all
published specifications after a warm-up period
Ripple and Noise
0.5%rms, 1% pk-pk, see chart on page 1.
Temperature
Derating
Derate output power linearly above 50°C to 50% at 70°C
Common Mode
Noise
Line Frequency: <2.5Vrms @115Vac, <5Vrms@
230Vac, 50/60Hz. For high frequency noise
and/or test set-up information, consult SL
Power.
Storage
Temperature
-40°C to +85°C
Output Voltage
See chart on page 1. Initial setpoint within 0.5%
of nominal. Adjustable +/-5% from nominal.
Altitude
Operating: up to 5000m (derating may be required
above 3000m, consult factory)
Non-operating: -500 to 40,000 ft.
Minimum Load
Not required for main output or 5Vsb. 12V Fan
output requires minimum load of 0.5A on main
output in order to be within its regulation band
Relative Humidity
5% to 95%, non-condensing
Total Regulation
See chart on page 1.
Shock
Operating: Half-sine, 20gpk, 10ms, 3 axes, 6 shocks total.
Non-Operating: Half-sine, 40 gpk, 10 ms, 3 axes, 6 shocks
total
Vibration
Operating: 0.003g/Hz, 1.5grms overall, 3 axes,
10 min/axis. Non-Operating: 0.026g2/Hz,
5.0grms overall, 3 axes, 1 hr/axis
Safety Standards
EN/CSA/UL/IEC 60601-1, 3rd Edition
Dimensions
W: 3.3” x L: 6.2” x H: 1.62”
W: 84mm x L: 157.5mm x H: 41mm
MTBF
356,330 hours, per Telcordia 332, Issue 6, 25°C, full rated
load (w/airflow) at 110Vac input.
Weight
670g
E-Cap Life
7 years, based on typical operation of 12 hours/day, 261
days/year at 40°C ambient temp.
Auxiliary Signals
Power Good/
Power Fail:
Signal is HIGH within 500mS after the main
output is within regulation band upon AC turn
on. Goes LOW within 4mS min. before the
main DC output drops to <90% of nominal
when AC turns off.
DC OK:
Goes HIGH when main DC output is above 90% of nominal
voltage and goes LOW when the output is below 90% of
rated main output DC voltage
5V Standby Output:
5V @ 2A, +/-5% regulation over all changes in
main output load current.
Fan Output:
12V@1A (air cooled ) or 0.5A (convection),
+/-10% regulation for load change of 0.5A to FL on the
main output.
Remote Sense:
Compensates for up to 0.16V voltage drop.
Max. deviation of 5% (main output) any 50%
step above 5% load
Inhibit:
Logic HIGH or open = ON
Logic LOW or short to ground = OFF
Connector Information
Input Connector
J101
Main DC Output
J302, J303
Fan Output
J301
Signal Connector
J401
PIN 1) FG
PIN 4) NC
Term 1 – J302: (+V)
Term 2 – J303: (─V)
PIN 1) 12V Fan (+)
PIN 2) 12V Fan (─)
PIN 1) Remote Sense (+)
PIN 5) Remote Inhibit
PIN 8) +5Vsb Output
PIN 2) NC
PIN 5) AC Line
PIN 2) Common
PIN 6) Power Good
PIN 9) DC OK
PIN 3) AC Neutral
PIN 3) Remote Sense (─)
PIN 7) +5Vsb Output
PIN 10) Common
PIN 4) NC
Mating Connector:
Tyco/AMP 640250-5
Pins: 770476-1
Mating Connector:
Molex 19141-0058
19141-0063
19141-0083
Mating Connector:
Tyco AMP
1375820-2
Pins: 1375819
Mating Connector:
Molex 90142-0010
Pins: 90119-2110



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com