Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC16C654IB64 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SC16C654IB64
Description  Quad UART with 64-byte FIFO and infrared (IrDA) encoder/decoder
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C654IB64 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SC16C654IB64 Datasheet HTML 9Page - NXP Semiconductors SC16C654IB64 Datasheet HTML 10Page - NXP Semiconductors SC16C654IB64 Datasheet HTML 11Page - NXP Semiconductors SC16C654IB64 Datasheet HTML 12Page - NXP Semiconductors SC16C654IB64 Datasheet HTML 13Page - NXP Semiconductors SC16C654IB64 Datasheet HTML 14Page - NXP Semiconductors SC16C654IB64 Datasheet HTML 15Page - NXP Semiconductors SC16C654IB64 Datasheet HTML 16Page - NXP Semiconductors SC16C654IB64 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
Philips Semiconductors
SC16C654/654D
Quad UART with 64-byte FIFO and infrared (IrDA) encoder/decoder
Product data
Rev. 04 — 19 June 2003
13 of 52
9397 750 11617
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
6.4 Internal registers
The SC16C654/654D provides 15 internal registers for monitoring and control. These
registers are shown in Table 5. Twelve registers are similar to those already available
in the standard 16C554. These registers function as data holding registers
(THR/RHR), interrupt status and control registers (IER/ISR), a FIFO control register
(FCR), line status and control registers (LCR/LSR), modem status and control
registers (MCR/MSR), programmable data rate (clock) control registers (DLL/DLM),
and a user accessible scratchpad register (SPR). Beyond the general 16C554
features and capabilities, the SC16C654/654D offers an enhanced feature register
set (EFR, Xon/Xoff1-2) that provides on-board hardware/software flow control.
Register functions are more fully described in the following paragraphs.
[1]
These registers are accessible only when LCR[7] is a logic 0.
[2]
These registers are accessible only when LCR[7] is a logic 1.
[3]
Enhanced Feature Register, Xon1, 2 and Xoff1, 2 are accessible only when the LCR is set to
“BF” (HEX).
6.5 FIFO operation
The 64-byte transmit and receive data FIFOs are enabled by the FIFO Control
Register (FCR) bit 0. With SC16C554 devices, the user can set the receive trigger
level, but not the transmit trigger level. The SC16C654/654D provides independent
trigger levels for both receiver and transmitter. To remain compatible with SC16C554,
the transmit interrupt trigger level is set to 8 following a reset. It should be noted that
the user can set the transmit trigger levels by writing to the FCR register, but
activation will not take place until EFR[4] is set to a logic 1. The receiver FIFO section
includes a time-out function to ensure data is delivered to the external CPU. An
Table 5:
Internal registers decoding
A2
A1
A0
READ mode
WRITE mode
General register set (THR/RHR, IER/ISR, MCR/MSR, FCR, LSR, SPR)[1]
0
0
0
Receive Holding Register
Transmit Holding Register
0
0
1
Interrupt Enable Register
0
1
0
Interrupt Status Register
FIFO Control Register
0
1
1
Line Control Register
1
0
0
Modem Control Register
1
0
1
Line Status Register
n/a
1
1
0
Modem Status Register
n/a
1
1
1
Scratchpad Register
Scratchpad Register
Baud rate register set (DLL/DLM)[2]
0
0
0
LSB of Divisor Latch
LSB of Divisor Latch
0
0
1
MSB of Divisor Latch
MSB of Divisor Latch
Enhanced register set (EFR, Xon/off 1-2)[3]
0
1
0
Enhanced Feature Register
Enhanced Feature Register
1
0
0
Xon1 word
Xon1 word
1
0
1
Xon2 word
Xon2 word
1
1
0
Xoff1 word
Xoff1 word
1
1
1
Xoff2 word
Xoff2 word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com