Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL560-48 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # PL560-48
Description  Analog Frequency Multiplier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL560-48 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button PL560-48 Datasheet HTML 5Page - Micrel Semiconductor PL560-48 Datasheet HTML 6Page - Micrel Semiconductor PL560-48 Datasheet HTML 7Page - Micrel Semiconductor PL560-48 Datasheet HTML 8Page - Micrel Semiconductor PL560-48 Datasheet HTML 9Page - Micrel Semiconductor PL560-48 Datasheet HTML 10Page - Micrel Semiconductor PL560-48 Datasheet HTML 11Page - Micrel Semiconductor PL560-48 Datasheet HTML 12Page - Micrel Semiconductor PL560-48 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Analog Frequency Multiplier
PL56X-XX VCXO Family
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 11/04/11 Page 9
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RAT INGS
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage
VDD
4.6
V
Input Voltage, DC
VI
GND-0.5
VDD+0.5
V
Output Voltage, DC
VO
GND-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
C
Ambient Operating Temperature, Industrial
TA_I
-40
+85
C
Ambient Operating Temperature, Commercial
TA_C
0
+70
C
Junction Temperature
TJ
125
C
Lead Temperature (soldering, 10s)
260
C
Input Static Discharge Voltage Protection
2
kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permane nt damage to the
device and affect product reliability. These conditions represent a stres s rating only, and functional operations of the device at these or any other
conditions above the operational limits noted in this specification is not implied
.
LVPECL ELECTRICAL CHARACTERISTICS
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current, loaded outputs
IDD
Fout = 622.08MHz,
15pF Load
75
80
mA
Operating Voltage*
VDD
2.97
3.63
V
Output Clock Duty Cycle
@ VDD – 1.3V
45
50
55
%
Short Circuit Current
50
mA
Output High Voltage
VOH
RL = 50Ω to
(VDD – 2V)
VDD-1.025
V
Output Low Voltage
VOL
VDD-1.620
V
Clock Rise Time
tr
@ 20/80%
0.25
0.45
ns
Clock Fall Time
tf
@ 80/20%
0.25
0.45
ns
*Contact Micrel for lower operating voltages
OUT
OUT
50?
50?
PECL Levels Test Circuit
LVPECL Transition Time Waveform
OUT
OUT
20%
80%
tR
tF
VDD
DUTY CYCLE
45 - 55%
55 - 45%
50%
OUT
OUT
tSKEW
PECL Output Skew
2.0V
OUT
OUT
50
50
LVPECL Levels Test Circuit
PECL Transistion Time Waveform
OUT
OUT
50%
20%
80%
tR
tF
VDD
DUTY CYCLE
45 - 55%
55 - 45%
50%
OUT
OUT
tSKEW
PECL Output Skew
2.0V
OUT
OUT
50?
50?
PECL Levels Test Circuit
PECL Transistion Time Waveform
OUT
OUT
50%
20%
80%
tR
tF
VDD
DUTY CYCLE
45 - 55%
55 - 45%
50%
OUT
OUT
tSKEW
LVPECL Output Skew
2.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com