Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL502-39QC-R Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # PL502-39QC-R
Description  750kHz ??800MHz Low Phase Noise Multiplier VCXO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL502-39QC-R Datasheet(HTML) 4 Page - Micrel Semiconductor

  PL502-39QC-R Datasheet HTML 1Page - Micrel Semiconductor PL502-39QC-R Datasheet HTML 2Page - Micrel Semiconductor PL502-39QC-R Datasheet HTML 3Page - Micrel Semiconductor PL502-39QC-R Datasheet HTML 4Page - Micrel Semiconductor PL502-39QC-R Datasheet HTML 5Page - Micrel Semiconductor PL502-39QC-R Datasheet HTML 6Page - Micrel Semiconductor PL502-39QC-R Datasheet HTML 7Page - Micrel Semiconductor PL502-39QC-R Datasheet HTML 8Page - Micrel Semiconductor PL502-39QC-R Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
PL502-35/-37/-38/-39
750kHz
– 800MHz Low Phase Noise Multiplier VCXO
Universal Low Phase Noise ICs
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 4/15/13 Page 4
2. Crystal Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Crystal Resonator Frequency
FXIN
Parallel Fundamental Mode
12
25
MHz
Crystal Loading Rating
CL (xtal)
At VCON = 1.65V
9.5
pF
Crystal Pullability
C0/C1 (xtal) AT cut
250
-
Recommended ESR
RE
AT cut
30
Ω
Note: Crystal Loading rating: 9.5pF is the loading the crystal sees from the VCXO chip at VCON = 1.65V. It is assumed that the cr ystal will be at nom-
inal frequency at this load. If the crystal requires more load to be at nominal frequency, the additiona l load must be added externally. This however
may reduce the pull range.
3. Voltage Control Crystal Oscillator
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
VCXO Stabilization Time *
TVCXOSTB
From power valid
10
ms
VCXO Tuning Range
FXIN = 12 – 25MHz;
XTAL C0/C1 < 250
0V
 VCON  3.3V
500
ppm
CLK output pullability
VCON=1.65V,
1.65V
200
ppm
VCXO Tuning Characteristic
150
ppm/V
Pull range linearity
10
%
VCON pin input impedance
2000
VCON modulation BW
0V
 VCON  3.3V, -3dB
10
kHz
Note: Parameters denoted with an asterisk (*) represent nominal characterization data and are not production tested to any specific limits.
4. General Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current,
Dynamic (with
Loaded Outputs)
IDD
LVPECL/LVDS/
LVCMOS
FOUT <24MHz
60/28/15
mA
24MHz< FOUT <96MHz
65/45/30
96MHz< FOUT <800MHz
100/80/40
Operating
Voltage
VDD
2.97
3.63
V
Output Clock Du-
ty Cycle
@ 50% VDD (LVCMOS)
@ 1.25V (LVDS)
@ VDD – 1.3V (LVPECL)
45
45
45
50
50
50
55
55
55
%
Short Circuit
Current
50
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com