Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1881 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM1881
Description  LM1881 Video Sync Separator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1881 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM1881 Datasheet HTML 1Page - National Semiconductor (TI) LM1881 Datasheet HTML 2Page - National Semiconductor (TI) LM1881 Datasheet HTML 3Page - National Semiconductor (TI) LM1881 Datasheet HTML 4Page - National Semiconductor (TI) LM1881 Datasheet HTML 5Page - National Semiconductor (TI) LM1881 Datasheet HTML 6Page - National Semiconductor (TI) LM1881 Datasheet HTML 7Page - National Semiconductor (TI) LM1881 Datasheet HTML 8Page - National Semiconductor (TI) LM1881 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Electrical Characteristics LM1881–X
V
CC = 5V; RSET = 680 k
Ω;T
A = –40˚C to +85˚C by correlation with 100% electrical testing at TA=25˚C
Parameter
Conditions
Min
Typ
Max
Units
Supply Current
Outputs at
Logic 1
V
CC =5V
V
CC = 12V
5.2
5.5
10
12
mA
DC Input Voltage
Pin 2
1.3
1.5
1.8
V
Input Threshold Voltage
55
70
85
mV
Input Discharge Current
Pin 2; V
IN = 2V
6
11
16
µA
Input Clamp Charge Current
Pin 2; V
IN = 1V
0.2
0.8
mA
R
SET Pin Reference Voltage
Pin 6;
1.10
1.22
1.35
V
Composite Sync. & Vertical
Outputs
I
OUT =40µA;
Logic 1
V
CC =5V
V
CC = 12V
4.0
11.0
4.5
V
I
OUT = 1.6 mA
Logic 1
V
CC =5V
V
CC = 12V
2.4
10.0
3.6
V
Burst Gate & Odd/Even
Outputs
I
OUT =40µA;
Logic 1
V
CC =5V
V
CC = 12V
4.0
11.0
4.5
V
Composite Sync. Output
I
OUT = −1.6 mA; Logic 0; Pin 1
0.2
0.8
V
Vertical Sync. Output
I
OUT = −1.6 mA; Logic 0; Pin 3
0.2
0.8
V
Burst Gate Output
I
OUT = −1.6 mA; Logic 0; Pin 5
0.2
0.8
V
Odd/Even Output
I
OUT = −1.6 mA; Logic 0; Pin 7
0.2
0.8
V
Vertical Sync Width
140
230
588
µs
Burst Gate Width
2.7 k
Ω from Pin 5 to V
CC
2.2
4
4.7
µs
Vertical Default Time
32
65
90
µs
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. For guaranteed specifications and test conditions, see the
Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed.
Note 2: For operation in ambient temperatures above 25˚C, the device must be derated based on a 150˚C maximum junction temperature and a package thermal
resistance of 110˚C/W, junction to ambient.
Note 3: ESD susceptibility test uses the “human body model, 100 pF discharged through a 1.5 k
Ω resistor”.
Note 4: Typicals are at TJ = 25˚C and represent the most likely parametric norm.
Note 5: Relative difference between the input clamp voltage and the minimum input voltage which produces a horizontal output pulse.
Note 6: Careful attention should be made to prevent parasitic capacitance coupling from any output pin (Pins 1, 3, 5 and 7) to the RSET pin (Pin 6).
Note 7: Delay time between the start of vertical sync (at input) and the vertical output pulse.
Typical Performance Characteristics
R
SET Value Selection
vs Vertical Serration
Pulse Separation
Vertical Default
Sync Delay Time
vs R
SET
00915007
00915008
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com