Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL102-10SC Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # PL102-10SC
Description  Low Skew Output Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL102-10SC Datasheet(HTML) 3 Page - Micrel Semiconductor

  PL102-10SC Datasheet HTML 1Page - Micrel Semiconductor PL102-10SC Datasheet HTML 2Page - Micrel Semiconductor PL102-10SC Datasheet HTML 3Page - Micrel Semiconductor PL102-10SC Datasheet HTML 4Page - Micrel Semiconductor PL102-10SC Datasheet HTML 5Page - Micrel Semiconductor PL102-10SC Datasheet HTML 6Page - Micrel Semiconductor PL102-10SC Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PL102-10
Low Skew Output Buffer
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 2/5/09 Page 3
3. Switching Characteristics
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Input/Output Frequency
t1
2.5V/3.3V
15
145/170
MHz
Duty Cycle
DC
Measured at VDD/2, CL=15pF,
Fout = 100MHz
45
50
55
%
Rise Time
Tr
Measured between 10% and
90%VDD, CL=15pF
1.2
1.5
ns
Fall Time
Tf
Measured between 90% and
10%, CL=15pF
1.2
1.5
ns
Output to Output Skew
Tskew
All outputs equally loaded,
CL=15pF
200
ps
Delay, REF Rising Edge
to CLKOUT Rising Edge
Tdelay
Measured at VDD/2
0
350
ps
Device to Device Skew
Tdsk-dsk
Measured at VDD/2 on the
CLKOUT pins of devices
0
700
ps
Cycle to Cycle Jitter
Tcyc-cyc
Measured at 100MHz
60
ps
PLL Lock Time
Tlock
Stable power supply, valid
clock presented on REF pin
1.0
ms
Jitter; Absolute Jitter
Tjabs
Measured 10,000 cycles,
low jitter input signal
20
50
ps
Jitter; 1-sigma
Tj1-s
Measured 10,000 cycles,
low jitter input signal
9
15
ps
SWITCHING WAVEFORMS
Duty Cycle Timing
t1
t2
VDD/2
VDD/2
VDD/2
Output - Output Skew
VDD/2
VDD/2
T
SKEW
Output
Output



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com