Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP5071 Datasheet(PDF) 27 Page - Analog Devices

Part # ADP5071
Description  Independent Positive and Negative Outputs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5071 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADP5071 Datasheet HTML 20Page - Analog Devices ADP5071 Datasheet HTML 21Page - Analog Devices ADP5071 Datasheet HTML 22Page - Analog Devices ADP5071 Datasheet HTML 23Page - Analog Devices ADP5071 Datasheet HTML 24Page - Analog Devices ADP5071 Datasheet HTML 25Page - Analog Devices ADP5071 Datasheet HTML 26Page - Analog Devices ADP5071 Datasheet HTML 27Page - Analog Devices ADP5071 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
ADP5070
Data Sheet
Rev. A | Page 26 of 27
LAYOUT CONSIDERATIONS
Layout is important for all switching regulators but is particularly
important for regulators with high switching frequencies. To
achieve high efficiency, good regulation, good stability, and low
noise, a well-designed PCB layout is required. Follow these
guidelines when designing PCBs:
•
Keep the input bypass capacitor, CIN1, close to the PVIN1 pin,
the PVIN2 pin, and the PVINSYS pin. Route each of these
pins individually to the pad of this capacitor to minimize
noise coupling between the power inputs rather than
connecting the three pins at the device. A separate capacitor
can be used on the PVINSYS pin for the best noise
performance.
•
Keep the high current paths as short as possible. These paths
include the connections between CIN1, L1, L2, D1, D2,
COUT1, COUT2, and PGND and their connections to the
ADP5070.
•
Keep AGND and PGND separate on the top layer of the
board. This separation avoids pollution of AGND with
switching noise. Do not connect PGND to the EPAD on
the top layer of the layout. Connect both AGND and PGND
to the board ground plane with vias. Ideally, connect PGND
to the plane at a point between the input and output
capacitors. Connect the EPAD on its own to this ground
layer with vias and connect AGND as near to the pin as
possible between the CVREF and CVREG capacitors.
•
Keep high current traces as short and wide as possible to
minimize parasitic series inductance, which causes spiking
and electromagnetic interference (EMI).
•
Avoid routing high impedance traces near any node con-
nected to the SW1 and SW2 pins or near Inductors L1and
L2 to prevent radiated switching noise injection.
•
Place the feedback resistors as close to the FB1 and FB2 pins as
possible to prevent high frequency switching noise injection.
•
Place the top of the upper feedback resistors, RFT1 and RFT2,
or route traces to them from as close as possible to the top
of COUT1 and COUT2 for optimum output voltage sensing.
•
Place the compensation components as close as possible to
COMP1 and COMP2. Do not share vias to the ground plane
with the feedback resistors to avoid coupling high frequency
noise into the sensitive COMP1 and COMP2 pins.
•
Place the CVREF and CVREG capacitors as close to the
VREG and VREF pins as possible. Ensure that short traces
are used between VREF and RFB2.
Figure 50. Suggested LFCSP Layout; Vias Connected to the PCB Ground
Plane, Not to Scale
Figure 51. Suggested TSSOP Layout; Vias Connected to the PCB Ground
Plane, Not to Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com