Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM7154 Datasheet(PDF) 7 Page - Analog Devices

Part # ADM7154
Description  High PSRR, RF Linear Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7154 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM7154 Datasheet HTML 3Page - Analog Devices ADM7154 Datasheet HTML 4Page - Analog Devices ADM7154 Datasheet HTML 5Page - Analog Devices ADM7154 Datasheet HTML 6Page - Analog Devices ADM7154 Datasheet HTML 7Page - Analog Devices ADM7154 Datasheet HTML 8Page - Analog Devices ADM7154 Datasheet HTML 9Page - Analog Devices ADM7154 Datasheet HTML 10Page - Analog Devices ADM7154 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
ADP7158
Data Sheet
Rev. A | Page 6 of 22
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
VOUT
NOTES
1. THE EXPOSED PAD IS LOCATED ON THE BOTTOM OF
THE PACKAGE. THE EXPOSED PAD ENHANCES THERMAL
PERFORMACE, AND IT IS ELECTRICALLY CONNECTED TO
GROUND INSIDE THE PACKAGE. CONNECT THE EXPOSED
PAD TO THE GROUND PLANE ON THE BOARD TO ENSURE
PROPER OPERATION.
2
VOUT
3
VOUT_SENSE
4
BYP
5
EN
10 VIN
9VIN
8VREG
7REF
6 REF_SENSE
ADP7158
TOP VIEW
(Not to Scale)
Figure 3. 10-Lead LFCSP Pin Configuration
NOTES
1. THE EXPOSED PAD IS LOCATED ON THE BOTTOM OF
THE PACKAGE. THE EXPOSED PAD ENHANCES THERMAL
PERFORMACE, AND IT IS ELECTRICALLY CONNECTED TO
GROUND INSIDE THE PACKAGE. CONNECT THE EXPOSED
PAD TO THE GROUND PLANE ON THE BOARD TO ENSURE
PROPER OPERATION.
VOUT
VOUT_SENSE
BYP
EN
1
2
3
4
VIN
VREG
REF
REF_SENSE
8
7
6
5
ADP7158
TOP VIEW
(Not to Scale)
Figure 4. 8-Lead SOIC Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
LFCSP
SOIC
Mnemonic
Description
1, 2
1
VOUT
Regulated Output Voltage. Bypass VOUT to ground with a 10 μF or greater capacitor.
3
2
VOUT_SENSE
Output Sense. VOUT_SENSE is internally connected to VOUT with a 10 Ω resistor. Connect
VOUT_SENSE as close to the load as possible.
4
3
BYP
Low Noise Bypass Capacitor. Connect a 1 μF capacitor from the BYP pin to ground to reduce noise.
Do not connect a load to this pin.
5
4
EN
Enable. Drive EN high to turn on the regulator; drive EN low to turn off the regulator. For automatic
startup, connect EN to VIN.
6
5
REF_SENSE
Reference Sense. Connect REF_SENSE to the REF pin. Do not connect REF_SENSE to VOUT or
ground.
7
6
REF
Low Noise Reference Voltage Output. Bypass REF to ground with a 1 μF or greater capacitor. Short
REF_SENSE to REF for fixed output voltages. Do not connect a load to this pin.
8
7
VREG
Regulated Input Supply Voltage to Low Dropout (LDO) Amplifier. Bypass VREG to ground with a
1 μF or greater capacitor.
9, 10
8
VIN
Regulator Input Supply Voltage. Bypass VIN to ground with a 10 μF or greater capacitor.
EP
Exposed Pad. The exposed pad is located on the bottom of the package. The exposed pad
enhances thermal performance, and it is electrically connected to ground inside the package.
Connect the exposed pad to the ground plane on the board to ensure proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com