Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP7157ARDZ-02-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP7157ARDZ-02-R7
Description  High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7157ARDZ-02-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP7157ARDZ-02-R7 Datasheet HTML 1Page - Analog Devices ADP7157ARDZ-02-R7 Datasheet HTML 2Page - Analog Devices ADP7157ARDZ-02-R7 Datasheet HTML 3Page - Analog Devices ADP7157ARDZ-02-R7 Datasheet HTML 4Page - Analog Devices ADP7157ARDZ-02-R7 Datasheet HTML 5Page - Analog Devices ADP7157ARDZ-02-R7 Datasheet HTML 6Page - Analog Devices ADP7157ARDZ-02-R7 Datasheet HTML 7Page - Analog Devices ADP7157ARDZ-02-R7 Datasheet HTML 8Page - Analog Devices ADP7157ARDZ-02-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Data Sheet
ADP7157
Rev. A | Page 3 of 23
SPECIFICATIONS
VIN = VOUT_MAX1 + 0.5 V; VEN = VIN; ILOAD = 10 mA; CIN = COUT = 10 µF; CREG = CREF = CBYP = 1 µF; TA = 25°C for typical specifications;
TA = −40°C to +125°C for minimum/maximum specifications, unless otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
V
IN
2.3
5.5
V
LOAD CURRENT
I
LOAD
1.2
A
OPERATING SUPPLY CURRENT
I
GND
I
LOAD = 0 µA
4.0
8.0
mA
I
LOAD = 1.2 A
7.0
12.0
mA
SHUTDOWN CURRENT
I
IN-SD
EN = ground
0.2
4
µA
NOISE2
V
OUT = 1.2 V to 3.3 V
Output Noise
OUT
NOISE
10 Hz to 100 kHz
1.6
µV rms
100 Hz to 100 kHz
0.9
µV rms
Noise Spectral Density
OUT
NSD
10 kHz to 1 MHz
1.7
nV/√Hz
POWER SUPPLY REJECTION RATIO2
PSRR
I
LOAD = 1.2 A
ADP7157-01
1 kHz to 100 kHz, V
IN = 2.3 V, VOUT = 1.8 V
70
dB
1 MHz, V
IN = 2.3 V, VOUT = 1.8 V
52
dB
ADP7157-02
1 kHz to 100 kHz, V
IN = 2.8 V, VOUT = 2.3 V
72
dB
1 MHz, V
IN = 2.8 V, VOUT = 2.3 V
53
dB
ADP7157-03
1 kHz to 100 kHz, V
IN = 3.4 V, VOUT = 2.9 V
75
dB
1 MHz, V
IN = 3.4 V, VOUT = 2.9 V
55
dB
ADP7157-04
1 kHz to 100 kHz, V
IN = 3.8 V, VOUT = 3.3 V
82
dB
1 MHz, V
IN = 3.8 V, VOUT = 3.3 V
55
dB
OUTPUT VOLTAGE ACCURACY
Output Voltage3
V
OUT
1.2
3.3
V
Initial Accuracy
V
OUT
I
LOAD = 10 mA, TA = 25°C
−0.6
+0.6
%
10 mA < I
LOAD < 1.2 A, TA = 25°C
−1.0
+1.0
%
10 mA < I
LOAD < 1.2 A, TA = −40°C to +125°C
−1.5
+1.5
%
REGULATION
Line
∆V
OUT/∆VIN
V
IN = VOUT_MAX + 0.5 V to 5.5 V
−0.1
+0.1
%/V
Load4
∆V
OUT/∆IOUT
I
OUT = 10 mA to 1.2 A
0.3
%/A
CURRENT-LIMIT THRESHOLD5
I
LIMIT
REF
22
mA
VOUT
1.4
1.8
2.4
A
DROPOUT VOLTAGE6
V
DROPOUT
I
OUT = 600 mA, VOUT = 3.3 V
60
80
mV
I
OUT = 1.2 A, VOUT = 3.3 V
120
170
mV
PULL-DOWN RESISTANCE
EN = 0 V, V
IN = 5.5 V
VOUT
V
OUT-PULL
V
OUT = 1 V
650
Ω
VREG
V
REG-PULL
V
REG = 1 V
31
REF
V
REF-PULL
V
REF = 1 V
850
Ω
BYP
V
BYP-PULL
V
BYP = 1 V
650
Ω
START-UP TIME2, 7
V
OUT = 3.3 V
VOUT
t
START-UP
1.2
ms
VREG
t
REG-START-UP
0.6
ms
REF
t
REF-START-UP
0.5
ms
THERMAL SHUTDOWN2
Threshold
TS
SD
T
J rising
150
°C
Hysteresis
TS
SD-HYS
15
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com