Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML610Q359 Datasheet(PDF) 21 Page - LAPIS Semiconductor Co., Ltd.

Part # ML610Q359
Description  8-bit Microcontroller with Voice Output Function
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML610Q359 Datasheet(HTML) 21 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML610Q359 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML610Q359 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML610Q359 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML610Q359 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML610Q359 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML610Q359 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML610Q359 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML610Q359 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML610Q359 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
FEDL610Q359-01
ML610Q359/ML610Q360
21/30
DC Characteristics (5 of 5)
(DVDD=AVDD=SPVDD=2.0 to 3.6V, DVSS=AVSS=SPVSS=0V, Ta=−40 to +85°C, unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Measuring
circuit
Input voltage 1
(RESET_N)
(TEST0)
(TEST1_N)
(NMI)
(P00 to P05)
(P10)
(P30 to P37)
(P40 to P47)
(P50 to P57)
(P60 to P63)
VIH1
―
0.7
×
DVDD
―
DVDD
V
5
VIL1
―
0
―
0.3
×
DVDD
Hysteresis width
(RESET_N)
(TEST0)
(TEST1_N)
(NMI)
(P00 to P05)
(P10)
(P30 to P37)
(P40 to P47)
(P50 to P57)
(P60 to P63)
∆VT
―
0.05
×
DVDD
―
0.4
×
DVDD
Input pin capacitance
(NMI)
(P00 to P05)
(P10)
(P30 to P37)
(P40 to P47)
(P50 to P57)
(P60 to P63)
CIN
f = 10kHz
Vrms = 50mV
Ta = 25
°C
―
―
10
pF
―
Hysteresis Width
∆V
T
Input signal
Internal signal
VDD
VSS
VSS
VDDL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com