Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP-1609S Datasheet(PDF) 3 Page - Soberton Inc.

Part # SP-1609S
Description  THIS SPECIFICATION COVERS OUR PRODUCT OF DYNAMIC SPEAKER UNIT FOR MOBILE PHONE USE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOBERTON [Soberton Inc.]
Direct Link  http://www.soberton.com
Logo SOBERTON - Soberton Inc.

SP-1609S Datasheet(HTML) 3 Page - Soberton Inc.

  SP-1609S Datasheet HTML 1Page - Soberton Inc. SP-1609S Datasheet HTML 2Page - Soberton Inc. SP-1609S Datasheet HTML 3Page - Soberton Inc. SP-1609S Datasheet HTML 4Page - Soberton Inc. SP-1609S Datasheet HTML 5Page - Soberton Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MODEL: SP-1609S
PRODUCT: Dynamic Speaker
EDITION: A/2016
RELIABILITY TESTS
The sound pressure as specified shall neither deviate more than ±3dB from the initial value, nor have any significant damage after any of
following testing.
HIGH TEMPERATURE TEST
high temperature
+85±2oC
duration
96 hours
LOW TEMPERATURE TEST
low temperature
-40±2oC
duration
96 hours
HEAT SHOCK TEST (See in Fig.3)
high temperature
+85±2oC
low temperature
-40±2oC
duration
1 hour (high), 1 hour (low)
changeover time
< 20 seconds
cycle
10
HUMIDITY TEST
temperature
+40±2oC
relative humidity
90~95%
duration
96 hours
TEMPERATURE CYCLE TEST (See in Fig.4)
temperature
-40oC
+85oC
duration
45 minutes 45 minutes
temperature gradient
1~3oC/min.
cycle
10
DROP TEST
mounted with dummy set
mass
100 g
height
1.5 m
cycle
6 (1 each plain) onto the concrete board
LOAD TEST
noise signal
White noise (EIA filter)
input power
0.7 W (1CC BOX) (2.37Vrms)
duration
96 hours
PAGE 3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com