Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLM45 Datasheet(PDF) 1 Page - Copal Electronics

Part # PLM45
Description  STEPPING MOTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PLM45 Datasheet(HTML) 1 Page - Copal Electronics

  PLM45 Datasheet HTML 1Page - Copal Electronics PLM45 Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PLM45
FEATURES
APPLICATIONS
O Stepping actuators with a built-in sensor
O Provided with connector terminals for easy connection
O 3 °micro step at 2 phase exciting
O Output axis constructure for easy installation of display
O Game machines
O Indicators
PART NUMBER DESIGNATION
P L M 4 5 - 1 0 0 0
Series name
Dash number
OUTLINE DIMENSIONS
60
hole depth 1.6
1
2
3
4
5
6
7
8
9
SIGOUT
GND
Vcc
2
1
2C
1C
2
1
Pin layout
B
A (S = 5 : 1)
Lot N o.
2 – 3.1
1.6
B
11
17 MA X
20.4
± 0.3
2 – R1.25
A
2 – M2
90
°± 1°
2.9
2
– R5
+0.05
0
2 – 2.5
+0.04
0
53
±0.05
3M
AX
1
2
3
4
5
6
9
7
8
φ
φ
φ
φ
φ
φ
φ
φ
abcde
Lot production is required. Please consult us for ordering.
STEPPING MOTORS


Similar Part No. - PLM45

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PLM4S-C PANDUIT-PLM4S-C Datasheet
517Kb / 1P
Marker and Flag Ties – Nylon 6.6
PLM4S-C PANDUIT-PLM4S-C Datasheet
235Kb / 5P
Pan-Ty® Marker and Flag Ties
PLM4S-D PANDUIT-PLM4S-D Datasheet
235Kb / 5P
Pan-Ty® Marker and Flag Ties
PLM4S-D0 PANDUIT-PLM4S-D0 Datasheet
235Kb / 5P
Pan-Ty® Marker and Flag Ties
More results

Similar Description - PLM45

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
M42SP-7 MITSUMI-M42SP-7 Datasheet
77Kb / 2P
Stepping Motors
M25SP-3 MITSUMI-M25SP-3 Datasheet
52Kb / 2P
Stepping Motors
M35SP-9 MITSUMI-M35SP-9 Datasheet
54Kb / 2P
Stepping Motors
M10SP-2N MITSUMI-M10SP-2N Datasheet
52Kb / 1P
Stepping Motors
logo
Copal Electronics
SP33-1001 COPAL-SP33-1001 Datasheet
320Kb / 3P
STEPPING MOTORS
SPS10 COPAL-SPS10 Datasheet
117Kb / 4P
STEPPING MOTORS
SPS20 COPAL-SPS20 Datasheet
103Kb / 5P
STEPPING MOTORS
logo
Mitsumi Electronics, Co...
M35SP-15 MITSUMI-M35SP-15 Datasheet
63Kb / 1P
Stepping Motors
M42SP-5 MITSUMI-M42SP-5 Datasheet
59Kb / 1P
Stepping Motors
M49SP-3KA MITSUMI-M49SP-3KA Datasheet
65Kb / 1P
Stepping Motors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com