Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS30 Datasheet(PDF) 5 Page - Copal Electronics

Part # PS30
Description  DISPLAY TYPE PRESSURE SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

PS30 Datasheet(HTML) 5 Page - Copal Electronics

  PS30 Datasheet HTML 1Page - Copal Electronics PS30 Datasheet HTML 2Page - Copal Electronics PS30 Datasheet HTML 3Page - Copal Electronics PS30 Datasheet HTML 4Page - Copal Electronics PS30 Datasheet HTML 5Page - Copal Electronics PS30 Datasheet HTML 6Page - Copal Electronics PS30 Datasheet HTML 7Page - Copal Electronics PS30 Datasheet HTML 8Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Entering Pressure Setting Mode
5
Pressure Setting Mode
This mode is used to make Setting 1, Setting 2, hysteresis and digital filter setting.
Setting pressure value
Exiting Pressure Setting Mode
M
Press the   and   buttons simultaneously in Operations Mode.
After switched to Pressure Setting Mode, SW1 should be blinking to indicate the value for Setting 1.
(The values     for 102R and     for 103R have been set in the factory.)
▲
PS30
SW1
kPa
SW2
M
Press the   button.
M
Press the   button.
M
Press the   button.
M
Press the   button.
The SW1 LED should be blinking.
Use the   or   button to select a value for Setting 1(P1).
(The values     for 102R and     for 103R have been set in the factory.)
(Note 1)The setting can only be made within the allowable display range.
(Note 2)The setting should meet P1≦ P2 − 2H when Window Comparator Mode is selected.
▼
▲
The SW2 LED should be blinking.
Use the   or   button to select a value for Setting 2(P2).
(The values     for 102R and     for 103R have been set in the factory.)
(Note 1)The setting can only be made within the allowable display range.
(Note 2)The setting should meet P1≦ P2 − 2H when Window Comparator Mode is selected.
▼
▲
The SW1 and SW2 LEDs should be blinking.
Use the   or   button to set the hysteresis (H).
(The values     for 102R and     for 103R have been set in the factory.)
(Note 1)The setting should be 30 digits or less.
(Note 2)The setting should meet P1≦ P2 − 2H when Window Comparator Mode is selected.
▼
▲
Use the   or   button to set the digital filter.
   : No filter,   : 25ms filter,   : 250ms filter
(The value     has been set in the factory.)
▼
▲
Setting 1(P1)
Setting 2(P2)
Hysteresis(H)setting
Digital filter setting
PS30
SW1
kPa
SW2
PS30
SW1
kPa
SW2
PS30
SW1
kPa
SW2
PS30
SW1
kPa
SW2
M
Press the   button more than one second.
The pressure setting will then take effect and you will return to Operations Mode.
PS30
SW1
kPa
SW2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com