Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2575HVT-ADJ Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2575HVT-ADJ
Description  SIMPLE SWITCHER 1A Step-Down Voltage Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2575HVT-ADJ Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM2575HVT-ADJ Datasheet HTML 11Page - National Semiconductor (TI) LM2575HVT-ADJ Datasheet HTML 12Page - National Semiconductor (TI) LM2575HVT-ADJ Datasheet HTML 13Page - National Semiconductor (TI) LM2575HVT-ADJ Datasheet HTML 14Page - National Semiconductor (TI) LM2575HVT-ADJ Datasheet HTML 15Page - National Semiconductor (TI) LM2575HVT-ADJ Datasheet HTML 16Page - National Semiconductor (TI) LM2575HVT-ADJ Datasheet HTML 17Page - National Semiconductor (TI) LM2575HVT-ADJ Datasheet HTML 18Page - National Semiconductor (TI) LM2575HVT-ADJ Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
Inductor Value Selection Guides (For Continuous Mode Operation) (Continued)
PROCEDURE (Adjustable Output Voltage Versions)
EXAMPLE (Adjustable Output Voltage Versions)
Given: V
OUT = Regulated Output Voltage VIN(Max) =
Maximum Input Voltage I
LOAD(Max) = Maximum Load
Current F = Switching Frequency (Fixed at 52 kHz)
Given: V
OUT = 10V VIN(Max) = 25V ILOAD(Max) = 1A F =
52 kHz
1. Programming Output Voltage (Selecting R1 and R2, as
shown in Figure 2 ) Use the following formula to select the
appropriate resistor values.
R
1 can be between 1k and 5k. (For best temperature coef-
ficient and stability with time, use 1% metal film resistors)
1.Programming Output Voltage (Selecting R1 and R2)
R2 = 1k (8.13 − 1) = 7.13k, closest 1% value is 7.15k
2. Inductor Selection (L1) A. Calculate the inductor Volt
•
microsecond constant, E
• T(V • µs), from the following
formula:
B. Use the E
• T value from the previous formula and match
it with the E
• T number on the vertical axis of the Inductor
Value Selection Guide shown in Figure 7. C. On the hori-
zontal axis, select the maximum load current. D. Identify the
inductance region intersected by the E
• T value and the
maximum load current value, and note the inductor code for
that region. E. Identify the inductor value from the inductor
code, and select an appropriate inductor from the table shown
in Figure 9. Part numbers are listed for three inductor manu-
facturers. The inductor chosen must be rated for operation at
the LM2575 switching frequency (52 kHz) and for a current
rating of 1.15 x I
LOAD. For additional inductor information, see
the inductor section in the application hints section of this data
sheet.
2. Inductor Selection (L1) A. Calculate E
• T(V • µs)
B. E
• T = 115 V • µs C. I
LOAD(Max) = 1A D. Inductance
Region = H470 E. Inductor Value = 470 µH Choose from AIE
part #430-0634, Pulse Engineering part #PE-53118, or
Renco part #RL-1961.
3. Output Capacitor Selection (C
OUT)A. The value of the
output capacitor together with the inductor defines the
dominate pole-pair of the switching regulator loop. For
stable operation, the capacitor must satisfy the following
requirement:
The above formula yields capacitor values between 10 µF
and 2000 µF that will satisfy the loop requirements for stable
operation. But to achieve an acceptable output ripple voltage,
(approximately 1% of the output voltage) and transient re-
sponse, the output capacitor may need to be several times
larger than the above formula yields. B. The capacitor’s volt-
age rating should be at last 1.5 times greater than the output
voltage. For a 10V regulator, a rating of at least 15V or more
is recommended. Higher voltage electrolytic capacitors gen-
erally have lower ESR numbers, and for this reason it may be
necessary to select a capacitor rate for a higher voltage than
would normally be needed.
3. Output Capacitor Selection (C
OUT)A.
However, for acceptable output ripple voltage select C
OUT
≥
220 µF C
OUT = 220 µF electrolytic capacitor
4. Catch Diode Selection (D1) A. The catch-diode current
rating must be at least 1.2 times greater than the maximum
load current. Also, if the power supply design must
withstand a continuous output short, the diode should have
a current rating equal to the maximum current limit of the
LM2575. The most stressful condition for this diode is an
overload or shorted output. See diode selection guide in
Figure 8. B. The reverse voltage rating of the diode should
be at least 1.25 times the maximum input voltage.
4. Catch Diode Selection (D1) A. For this example, a 3A
current rating is adequate. B. Use a 40V MBR340 or
31DQ04 Schottky diode, or any of the suggested
fast-recovery diodes in Figure 8.
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com