Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AB08X5-RTC Datasheet(PDF) 2 Page - Abracon Corporation

Part # AB08X5-RTC
Description  Ultra-low supply current
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AB08X5-RTC Datasheet(HTML) 2 Page - Abracon Corporation

  AB08X5-RTC Datasheet HTML 1Page - Abracon Corporation AB08X5-RTC Datasheet HTML 2Page - Abracon Corporation AB08X5-RTC Datasheet HTML 3Page - Abracon Corporation AB08X5-RTC Datasheet HTML 4Page - Abracon Corporation AB08X5-RTC Datasheet HTML 5Page - Abracon Corporation AB08X5-RTC Datasheet HTML 6Page - Abracon Corporation AB08X5-RTC Datasheet HTML 7Page - Abracon Corporation AB08X5-RTC Datasheet HTML 8Page - Abracon Corporation AB08X5-RTC Datasheet HTML 9Page - Abracon Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
AB08X5 Real-Time Clock Family
Date of Issue: October 16, 2014
3.0 x 3.0 mm
Page 2 of 33
Abracon Drawing #453567
Revision: C
1. Family Summary
The AB08X5 family consists of several members (see Table 1). All devices are supplied in a standard 3x3
mm QFN-16 package. Members of the software and pin compatible AB18X5 RTC family are also listed.
Table 1: Family Summary
Part #
Baseline
Timekeeping
Advanced Timekeeping
Power Management
Interface
XT
Osc
Number
of GP
Outputs
RC
Osc
Calib/
Auto-
calib
Watch-
dog
RAM
(B)
VBAT
Switch
Reset
Mgmt
Ext
Int
Power
Switch and
Sleep FSM
AB0805
3
■■
256
■■
I2C
AB0815
2
■■
256
■■
SPI
Software and Pin Compatible AB18X5 Family Components
AB1805
4
■■
256
■■
■■
I2C
AB1815
3
■■
256
■■
■■
SPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com