Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIW1711FIF Datasheet(PDF) 5 Page - RF Micro Devices

Part # SIW1711FIF
Description  BLUETOOTH RADIO MODEM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SIW1711FIF Datasheet(HTML) 5 Page - RF Micro Devices

  SIW1711FIF Datasheet HTML 1Page - RF Micro Devices SIW1711FIF Datasheet HTML 2Page - RF Micro Devices SIW1711FIF Datasheet HTML 3Page - RF Micro Devices SIW1711FIF Datasheet HTML 4Page - RF Micro Devices SIW1711FIF Datasheet HTML 5Page - RF Micro Devices SIW1711FIF Datasheet HTML 6Page - RF Micro Devices SIW1711FIF Datasheet HTML 7Page - RF Micro Devices SIW1711FIF Datasheet HTML 8Page - RF Micro Devices SIW1711FIF Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5 of 12
SiW1711
60 0047 R00Grf SiW1711 Radio Modem IC DS
Digital Regulator Specification (TOP = 25°C)
Internal Analog Voltage Regulator Specification (TOP=+25°C, VBATT_ANA = 3.3 V)
Radio Specification
RF Impedances
Receiver Specification1
(VBATT_ANA, VBATT_DIG=3.3V, VCC=int. analog reg. output, and nominal2 Bluetooth test conditions)
Parameter
Description
Min
Typ
Max
Unit
Output voltage
(I OUT = 10 mA)
1.55
1.85
2.16
V
Line regulation
(I OUT = 0 mA, VBATT_DIG = 2.3 V to 3.63 V)
–
8.0
–
mV
Load regulation
(I OUT = 3 mA to 80 mA)
–
9.0
–
mV
Dropout voltage
(I OUT = 10 mA)
–
–
250
mV
Output maximum current
–
–
–
80
mA
Quiescent current
–
–
10
–
µA
Ripple rejection
f RIPPLE = 400 Hz
–40
–
dB
Parameter
Description
Min
Typ
Max
Unit
Output voltage (40 mA load)
–
1.71
1.80
1.89
V
Ripple rejection
–
–
20
–
dB
Parameter
Description
Min
Typ
Max
Unit
VCO operating range
Frequency
2402
–
2480
MHz
PLL lock time
–
–
55
100
µs
Parameter1
Description
Min
Typ
Max
Unit
RF impedance
TX On
–
448//0.6
–
Ω/pF
TX Off
–
53.1//2.2
–
Ω/pF
RX On
–
267//1.1
–
Ω/pF
RX Off
–
23.4//0
–
Ω/pF
1The impedance values are for typical samples in 32-pin QFN package.
Parameter
Description
Min
Typ
Max
Unit
Receiver
sensitivity
BER<0.1%
–
-85.0
-80.0
dBm
Maximum usable signal
BER<0.1%
-10
0
–
dBm
C/I co-channel
(0.1% BER)
Co-channel selectivity
–
8.0
11.0
dB
C/I 1MHz
(0.1% BER)
Adjacent channel selectivity
–
-4.0
0
dB
C/I 2MHz
(0.1% BER)
2nd adjacent channel selectivity
–
-38.0
-35.0
dB
C/I
≥3MHz
(0.1% BER)
3rd adjacent channel selectivity
–
-43
-40
dB
Out-of-band
blocking3
30MHz to 2000MHz
-10
–
–
dBm
2000MHz to 2399MHz
-27
–
–
dBm
2498MHz to 3000MHz
-27
–
–
dBm
3000MHz to 12.75GHz
-10
–
–
dBm
Intermodulation
Max interferer level to maintain 0.1% BER,
interference signals at 3 MHz and 6 MHz offset.
-39
-36
–
dBm
Receiver spurious
emission
30MHz to 1GHz
–
–
-57
dBm
1 GHz to 12.75 GHz
–
–
-47
dBm
1Measured with a proper matching circuit without bandpass filter.
2Nominal and extreme Bluetooth test conditions as defined by the Bluetooth Test and Interoperability Working Group published RF Test
Specification 1.1.
3Out-of-band blocking guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com