Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1896 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1896
Description  LM1896/LM2896 Dual Audio Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1896 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM1896 Datasheet HTML 2Page - National Semiconductor (TI) LM1896 Datasheet HTML 3Page - National Semiconductor (TI) LM1896 Datasheet HTML 4Page - National Semiconductor (TI) LM1896 Datasheet HTML 5Page - National Semiconductor (TI) LM1896 Datasheet HTML 6Page - National Semiconductor (TI) LM1896 Datasheet HTML 7Page - National Semiconductor (TI) LM1896 Datasheet HTML 8Page - National Semiconductor (TI) LM1896 Datasheet HTML 9Page - National Semiconductor (TI) LM1896 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Application Hints (Continued)
TLH7920 – 10
Figure 4 Bridge Amplifier Connection
Printed Circuit Layout
Printed Circuit Board Layout
Figure 5 and Figure 6 show printed circuit board layouts for
the LM1896 and LM2896 The circuits are wired as stereo
amplifiers The signal source ground should return to the
input ground shown on the boards Returning the loads to
power supply ground through a separate wire will keep the
THD at its lowest value The inputs should be terminated in
less than 50 kX to prevent an input-output oscillation This
oscillation is dependent on the gain and the proximity of the
bridge elements RB and CB to the (a) input If the bridge
mode is not used do not insert RB CB into the PCB
To wire the amplifer into the bridge configuration short the
capacitor on pin 7 (pin 1 of the LM1896) to ground Connect
together the nodes labeled BRIDGE and drive the capacitor
connected to pin 5 (pin 14 of the LM1896)
TLH7920 – 11
FIGURE 5 Printed Circuit Board Layout for the LM1896
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com