Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML630Q464 Datasheet(PDF) 21 Page - LAPIS Semiconductor Co., Ltd.

Part # ML630Q464
Description  Ultra Low Power 32-bit Microcontroller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML630Q464 Datasheet(HTML) 21 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML630Q464 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML630Q464 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML630Q464 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd. ML630Q464 Datasheet HTML 20Page - LAPIS Semiconductor Co., Ltd. ML630Q464 Datasheet HTML 21Page - LAPIS Semiconductor Co., Ltd. ML630Q464 Datasheet HTML 22Page - LAPIS Semiconductor Co., Ltd. ML630Q464 Datasheet HTML 23Page - LAPIS Semiconductor Co., Ltd. ML630Q464 Datasheet HTML 24Page - LAPIS Semiconductor Co., Ltd. ML630Q464 Datasheet HTML 25Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
FEDL630Q464-01
ML630Q464/Q466
21/37
●
DC characteristics (VOHL, IOHL)
(VDD=1.8 to 3.6V, VSS=0V, Ta=-40 to +85°C, unless otherwise specified)
Parameter
Symbol
Condition
Rating
Unit
Measuring
circuit
Min.
Typ.
Max.
Output voltage 1
( P00-P05, P20-P23,
P30-P37, P40-P47,
P50-P57,, P60-P63,
SWD,PUCTL)
VOH1
IOH=-1.0mA
VDD
-0.5
–
–
V
2
VOL1
IOL=+0.5mA
–
–
0.4
Output voltage 2
( P34, P35,
P40, P41 )
(LED mode
is selected)
VOL2
2.7V ≤VDD ≤3.6V IOL=+5.0mA
–
–
0.6
IOL=+2.0mA
–
–
0.4
Output voltage 3
(P30, P31, P34, P35,
P40, P41, P44, P45,
P50, P51, P54, P55 )
(I2C mode is
selected)
VOL3
IOL3= +3mA (I2Cspec)
(VDD ≥2V)
–
–
0.4
Output voltage 4
( P30, P31, P34, P35,
P40, P41, P44, P45,
P50, P51, P54, P55 )
(I2C mode is
selected)
VOL4
IOL4= +2mA(I2Cspec)
(VDD < 2V)
–
–
VDD
×0.2
Output voltage 5
(COM0~7)
(SEG00~49)
(LCD mode is
selected)
VOH5
1/3bias, IOH5=-0.02mA,
VL1=1.2V
VL3
-0.2
–
–
VOM5
1/3bias, IOM5=+0.02mA,
VL1=1.2V
–
–
VL2
+0.2
VOM5S
1/3bias, IOM5S=-0.02mA,
VL1=1.2V
VL2
-0.2
–
–
VOML5
1/3bias, IOML5=+0.02mA,
VL1=1.2V
–
–
VL1
+0.2
VOML5S
1/3bias, IOML5S=-0.02mA,
VL1=1.2V
VL1
-0.2
–
–
VOL5
1/3bias, IOL5=+0.02mA,
VL1=1.2V
–
–
0.2
Output voltage 5
(COM0~7)
(SEG00~49)
(LCD mode is
selected)
VOH5
1/2bias, IOH5=-0.01mA,
VL1=1.4V
VL3
-0.3
―
―
VOM5
1/2bias, IOM5=+0.01mA,
VL1=1.4V
―
―
VL2
+0.3
VOM5S
1/2bias, IOM5S=-0.01mA,
VL1=1.4V
VL2
-0.3
―
―
VOML5
1/2bias, IOML5=+0.01mA,
VL1=1.4V
―
―
VL1
+0.3
VOML5S
1/2bias, IOML5S=-0.01mA,
VL1=1.4V
VL1
-0.3
―
―
VOL5
1/2bias, IOL5=+0.01mA,
VL1=1.4V
―
―
0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com