Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MR44V064B Datasheet(PDF) 2 Page - LAPIS Semiconductor Co., Ltd.

Part # MR44V064B
Description  64k(8,192-Word 횞 8-Bit) FeRAM (Ferroelectric Random Access Memory) I2C
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

MR44V064B Datasheet(HTML) 2 Page - LAPIS Semiconductor Co., Ltd.

  MR44V064B Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. MR44V064B Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. MR44V064B Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. MR44V064B Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. MR44V064B Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. MR44V064B Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. MR44V064B Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. MR44V064B Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. MR44V064B Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
FEDR44V064B-01
MR44V064B
2/16
PIN CONFIGURATION
PIN DESCRIPTIONS
Pin Name
Description
A0 – A2
Address ( input )
Address pin indicates device address. When Address value is match the device address
code from SDA, the device will be selected. The address pins are pulled down internally.
SDA
Serial data input serial data output ( input / output )
SDA is a bi-directional line for I2C interface. The output driver is open-drain. A pull-up
resistor is required.
SCL
Serial Clock ( input )
Serial Clock is the clock input pin for setting for serial data timing. Inputs are latched on
the rising edge and outputs occur on the falling edge.
WP
Write protect ( input )
Write Protect pin controls write-operation to the memory. When WP is high, all address in
the memory will be protected. When WP is low, all address in the memory will be written.
WP pin is pulled down internally.
VCC, VSS
Power supply
Apply the specified voltage to VCC. Connect VSS to ground.
8-pin plastic SOP
A0
A1
A2
VSS
VCC
WP
SCL
SDA
1
8
2
7
3
6
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com