Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDK3405 Datasheet(PDF) 1 Page - Exar Corporation

Part # CDK3405
Description  8-bit, 180MSPS, Triple Video DAC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CDK3405 Datasheet(HTML) 1 Page - Exar Corporation

  CDK3405 Datasheet HTML 1Page - Exar Corporation CDK3405 Datasheet HTML 2Page - Exar Corporation CDK3405 Datasheet HTML 3Page - Exar Corporation CDK3405 Datasheet HTML 4Page - Exar Corporation CDK3405 Datasheet HTML 5Page - Exar Corporation CDK3405 Datasheet HTML 6Page - Exar Corporation CDK3405 Datasheet HTML 7Page - Exar Corporation CDK3405 Datasheet HTML 8Page - Exar Corporation CDK3405 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Data Sheet
CDK3405
8-bit, 180MSPS, Triple Video DAC
Exar Corporation
www.exar.com
48720 Kato Road, Fremont CA 94538, USA
Tel. +1 510 668-7000 - Fax. +1 510 668-7001
FEATURES
n
8-bit resolution, 180MSPS
n
±2.5% gain matching
n
±0.5% linearity error
n
Sync and blank controls
n
1.0Vpp video into 37.5Ω or 75Ω load
n
Internal bandgap voltage reference
n
Low glitch energy
n
Single +3.3V power supply
APPLICATION S
n
Video signal conversion
– RGB
– YCBCR
– Composite, Y, C
n
Multimedia systems
n
Image processing
n
PC Graphics
General Description
CDK3405 is a low-cost triple D/A converter that is tailored to fit graphics and
video applications where speed is critical.
CMOS-level inputs are converted to analog current outputs that can drive
25-37.5Ω loads corresponding to doubly-terminated 50-75Ω loads. A sync
current following SYNC input timing is added to the IOG output. BLANK
will override RGB inputs, setting IOG, IOB and IOR currents to zero when
BLANK = L. Although appropriate for many applications, the internal 1.25V
reference voltage can be overridden by the VREF input.
Few external components are required, just the current reference resistor,
current output load resistors, bypass capacitors, and decoupling capacitors.
Package is a 48-lead TQFP. Fabrication technology is CMOS. Performance is
guaranteed from -40°C to +125°C.
Block Diagram
Ordering Information
Part Number
Package
Pb-Free
RoHS Compliant Operating Temp Range Packaging Method Package Quantity
CDK3405CTQ48
TQFP-48
Yes
Yes
0°C to +70°C
Tray
250
CDK3405ATQ48
TQFP-48
Yes
Yes
-40°C to +125°C
Tray
250
Moisture sensitivity level for all parts is MSL-3.
8-bit D/A
Converter
8
SYNC
CLOCK
G7-0
COMP
+1.25V
Ref
IOG
BLANK
8-bit D/A
Converter
8
B7-0
IOB
8-bit D/A
Converter
8
R7-0
IOR
REF
REF
SYNC
R
V


Similar Part No. - CDK3405

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CDK3405 CADEKA-CDK3405 Datasheet
1Mb / 11P
8-bit, 180MSPS, Triple Video DACs
CDK3405ATQ48 CADEKA-CDK3405ATQ48 Datasheet
1Mb / 11P
8-bit, 180MSPS, Triple Video DACs
CDK3405ATQ48Y CADEKA-CDK3405ATQ48Y Datasheet
1Mb / 11P
8-bit, 180MSPS, Triple Video DACs
More results

Similar Description - CDK3405

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV101 AD-ADV101 Datasheet
187Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV.B
ADV7120 AD-ADV7120 Datasheet
188Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
logo
NXP Semiconductors
TDF8771A PHILIPS-TDF8771A Datasheet
97Kb / 20P
Triple 8-bit video Digital-to-Analog Converter (DAC)
2003 Apr 29
logo
Cadeka Microcircuits LL...
CDK3404 CADEKA-CDK3404 Datasheet
1Mb / 11P
8-bit, 180MSPS, Triple Video DACs
CDK3405 CADEKA-CDK3405 Datasheet
1Mb / 11P
8-bit, 180MSPS, Triple Video DACs
logo
Analog Devices
ADV7120KSTZ30 AD-ADV7120KSTZ30 Datasheet
191Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV101 AD-ADV101_15 Datasheet
161Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7120 AD-ADV7120_15 Datasheet
191Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
logo
Exar Corporation
CDK3404 EXAR-CDK3404 Datasheet
927Kb / 11P
8-bit, 180MSPS, Triple Video DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com