Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC1007 Datasheet(PDF) 19 Page - Exar Corporation

Part # CLC1007
Description  Single, Dual, and Quad Low Cost, High Speed RRO Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC1007 Datasheet(HTML) 19 Page - Exar Corporation

Back Button CLC1007 Datasheet HTML 15Page - Exar Corporation CLC1007 Datasheet HTML 16Page - Exar Corporation CLC1007 Datasheet HTML 17Page - Exar Corporation CLC1007 Datasheet HTML 18Page - Exar Corporation CLC1007 Datasheet HTML 19Page - Exar Corporation CLC1007 Datasheet HTML 20Page - Exar Corporation CLC1007 Datasheet HTML 21Page - Exar Corporation CLC1007 Datasheet HTML 22Page - Exar Corporation CLC1007 Datasheet HTML 23Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
© 2007-2014 Exar Corporation
19 / 27
exar.com/CLC1007
Rev 1D
CLC1007, CLC2007, CLC4007
For a given load capacitance, adjust RS to optimize the
tradeoff between settling time and bandwidth. In general,
reducing RS will increase bandwidth at the expense of
additional overshoot and ringing.
Layout Considerations
General layout and supply bypassing play major roles in
high frequency performance. Exar has evaluation boards to
use as a guide for high frequency layout and as an aid in
device testing and characterization. Follow the steps below
as a basis for high frequency layout:
Include 6.8µF and 0.1µF ceramic capacitors for power supply
decoupling
Place the 6.8µF capacitor within 0.75 inches of the power pin
Place the 0.1µF capacitor within 0.1 inches of the power pin
Remove the ground plane under and around the part,
especially near the input and output pins to reduce parasitic
capacitance
Minimize all trace lengths to reduce series inductances
Refer to the evaluation board layouts below for more
information.
Evaluation Board Information
The following evaluation boards are available to aid in the
testing and layout of these devices:
Evaluation Board #
Products
CEB002
CLC1007 in TSOT
CEB003
CLC1007 in SOIC
CEB006
CLC2007 in SOIC
CEB010
CLC2007 in MSOP
CEB018
CLC4007 in SOIC
CEB019
CLC4007 in TSSOP
Evaluation Board Schematics
Evaluation board schematics and layouts are shown in
Figures 8-20. These evaluation boards are built for dual-
supply operation. Follow these steps to use the board in a
single-supply application:
1. Short -VS to ground.
2. Use C3 and C4, if the -VS pin of the amplifier is not
directly connected to the ground plane.
Figure 8. CEB002 & CEB003 Schematic
Figure 9. CEB002 Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com