Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC1007IST5X Datasheet(PDF) 27 Page - Exar Corporation

Part # CLC1007IST5X
Description  Single, Dual, and Quad Low Cost, High Speed RRO Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC1007IST5X Datasheet(HTML) 27 Page - Exar Corporation

Back Button CLC1007IST5X Datasheet HTML 19Page - Exar Corporation CLC1007IST5X Datasheet HTML 20Page - Exar Corporation CLC1007IST5X Datasheet HTML 21Page - Exar Corporation CLC1007IST5X Datasheet HTML 22Page - Exar Corporation CLC1007IST5X Datasheet HTML 23Page - Exar Corporation CLC1007IST5X Datasheet HTML 24Page - Exar Corporation CLC1007IST5X Datasheet HTML 25Page - Exar Corporation CLC1007IST5X Datasheet HTML 26Page - Exar Corporation CLC1007IST5X Datasheet HTML 27Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
For Further Assistance:
Email: CustomerSupport@exar.com or HPATechSupport@exar.com
Exar Technical Documentation: http://www.exar.com/techdoc/
Exar Corporation Headquarters and Sales Offices
48760 Kato Road
Tel.: +1 (510) 668-7000
Fremont, CA 94538 - USA
Fax: +1 (510) 668-7001
NOTICE
EXAR Corporation reserves the right to make changes to the products contained in this publication in order to improve design, performance or reliability. EXAR Corporation
assumes no responsibility for the use of any circuits described herein, conveys no license under any patent or other right, and makes no representation that the circuits are free
of patent infringement. Charts and schedules contained here in are only for illustration purposes and may vary depending upon a user’s specific application. While the information
in this publication has been carefully checked; no responsibility, however, is assumed for inaccuracies.
EXAR Corporation does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can reasonably be expected
to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications unless EXAR Corporation
receives, in writing, assurances to its satisfaction that: (a) the risk of injury or damage has been minimized; (b) the user assumes all such risks; (c) potential liability of EXAR
Corporation is adequately protected under the circumstances.
Reproduction, in part or whole, without the prior written consent of EXAR Corporation is prohibited.
© 2007-2014 Exar Corporation
27 / 27
exar.com/CLC1007
Rev 1D
CLC1007, CLC2007, CLC4007
Revision History
Revision
Date
Description
1D (ECN 1451-07)
December
2014
Reformat into Exar data sheet template. Updated ordering information table to include MTR and EVB
part numbers. Increased “I” temperature range from +85 to +125°C. Removed “A” temp grade parts,
since “I” is now equivalent. Updated thermal resistance numbers and package outline drawings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com