Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC2050 Datasheet(PDF) 7 Page - Exar Corporation

Part # CLC2050
Description  Low Power, 3V to 36V, Single/Dual/Quad Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC2050 Datasheet(HTML) 7 Page - Exar Corporation

Back Button CLC2050 Datasheet HTML 3Page - Exar Corporation CLC2050 Datasheet HTML 4Page - Exar Corporation CLC2050 Datasheet HTML 5Page - Exar Corporation CLC2050 Datasheet HTML 6Page - Exar Corporation CLC2050 Datasheet HTML 7Page - Exar Corporation CLC2050 Datasheet HTML 8Page - Exar Corporation CLC2050 Datasheet HTML 9Page - Exar Corporation CLC2050 Datasheet HTML 10Page - Exar Corporation CLC2050 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Data Sheet
©2009-2013 Exar Corporation
7/17
Rev 1D
Typical Performance Characteristics
TA = 25°C, +Vs = 30V, -Vs = GND, Rf = Rg =2kΩ, RL = 2kΩ, G = 2; unless otherwise noted.
Frequency Response vs. VOUT at VS = 5V
-3dB Bandwidth vs. VOUT at VS = 5V
Frequency Response vs. CL at VS = 5V
Frequency Response vs. RL at VS = 5V
Non-Inverting Frequency Response at VS = 5V
Inverting Frequency Response at VS = 5V
-25
-20
-15
-10
-5
0
5
0.01
0.1
1
10
Frequency (MHz)
G = 1
Rf = 0
G = 2
G = 5
G = 10
VOUT = 0.2Vpp
-25
-20
-15
-10
-5
0
5
0.01
0.1
1
10
Frequency (MHz)
G = -1
G = -2
G = -5
G = -10
VOUT = 0.2Vpp
-25
-20
-15
-10
-5
0
5
0.01
0.1
1
10
Frequency (MHz)
CL = 10nF
Rs = 0Ω
CL = 5nF
Rs = 0Ω
CL = 1nF
Rs = 0Ω
CL = 100pF
Rs = 0Ω
VOUT = 0.2Vpp
-25
-20
-15
-10
-5
0
5
0.01
0.1
1
10
Frequency (MHz)
RL = 1K
VOUT = 0.2Vpp
RL = 2K
RL = 5K
RL = 10K
-25
-20
-15
-10
-5
0
5
0.01
0.1
1
10
Frequency (MHz)
Vout = 1Vpp
Vout = 2Vpp
0
50
100
150
200
250
300
350
400
0.0
0.5
1.0
1.5
2.0
VOUT (VPP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com