Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC4050 Datasheet(PDF) 14 Page - Exar Corporation

Part # CLC4050
Description  Low Power, 3V to 36V, Single/Dual/Quad Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC4050 Datasheet(HTML) 14 Page - Exar Corporation

Back Button CLC4050 Datasheet HTML 9Page - Exar Corporation CLC4050 Datasheet HTML 10Page - Exar Corporation CLC4050 Datasheet HTML 11Page - Exar Corporation CLC4050 Datasheet HTML 12Page - Exar Corporation CLC4050 Datasheet HTML 13Page - Exar Corporation CLC4050 Datasheet HTML 14Page - Exar Corporation CLC4050 Datasheet HTML 15Page - Exar Corporation CLC4050 Datasheet HTML 16Page - Exar Corporation CLC4050 Datasheet HTML 17Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Data Sheet
©2009-2013 Exar Corporation
14/17
Rev 1D
Figure 13. CEB018 Schematic
Figure 14 CEB018 Top View
Figure 15. CEB018 Bottom View
Typical Applications
AC Line
SMPS
R2
Current
Sense
R7
R8
Battery
Pack
R4
R3
AZ431
R5
R1
Opto Isolator
V
CC
GND
+
–
1/2
CLCx050
V
CC
GND
+
–
1/2
CLCx050
R6
Figure 16. Battery Charger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com