Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC1606 Datasheet(PDF) 1 Page - Exar Corporation

Part # CLC1606
Description  1.3GHz Current Feedback Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC1606 Datasheet(HTML) 1 Page - Exar Corporation

  CLC1606 Datasheet HTML 1Page - Exar Corporation CLC1606 Datasheet HTML 2Page - Exar Corporation CLC1606 Datasheet HTML 3Page - Exar Corporation CLC1606 Datasheet HTML 4Page - Exar Corporation CLC1606 Datasheet HTML 5Page - Exar Corporation CLC1606 Datasheet HTML 6Page - Exar Corporation CLC1606 Datasheet HTML 7Page - Exar Corporation CLC1606 Datasheet HTML 8Page - Exar Corporation CLC1606 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Data Sheet
Comlinear® CLC1606
1.3GHz Current Feedback Amplifier
Exar Corporation
www.exar.com
48720 Kato Road, Fremont CA 94538, USA
Tel. +1 510 668-7000 - Fax. +1 510 668-7001
FEATURES
n
1.2GHz -3dB bandwidth at G=2
n
3,300V/μs slew rate
n
0.01%/0.01˚ differential gain/
phase error
n
7.5mA supply current
n
875MHz large signal bandwidth
n
120mA output current (easily drives
three video loads)
n
Fully specified at 5V and ±5V supplies
n
CLC1606: Pb-free SOT23-5
n
CLC1606: Pb-free SOIC-8
APPLICATION S
n
RGB video line drivers
n
High definition video driver
n
Video switchers and routers
n
ADC buffer
n
Active filters
n
High-speed instrumentation
n
Wide dynamic range IF amp
General Description
The COMLINEAR CLC1606 is a high-performance, current feedback amplifier
with superior bandwith and video specifications. The CLC1606 provides
1.3GHz unity gain bandwidth, ±0.1dB gain flatness to 150MHz, and provides
3,300V/μs slew rate exceeding the requirements of high-definition television
(HDTV) and other multimedia applications. The COMLINEAR CLC1606 high-
performance amplifier also provide ample output current to drive multiple
video loads.
The COMLINEAR CLC1606 is designed to operate from ±5V or +5V supplies.
It consumes only 7.5mA of supply current. The combination of high-speed
and excellent video performance make the CLC1606 well suited for use in
many general purpose, high-speed applications including standard definition
and high definition video. Data communications applications benefit from
the CLC1606’s total harmonic distortion of -68dBc at 10MHz and fast settling
time to 0.1%.
Typical Application - Driving Dual Video Loads
Ordering Information
Part Number
Package
Pb-Free
RoHS Compliant
Operating Temperature Range
Packaging Method
CLC1606IST5X
SOT23-5
Yes
Yes
-40°C to +85°C
Reel
CLC1606ISO8
SOIC-8
Yes
Yes
-40°C to +85°C
Rail
CLC1606ISO8X
SOIC-8
Yes
Yes
-40°C to +85°C
Reel
Moisture sensitivity level for all parts is MSL-1.


Similar Part No. - CLC1606

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC1606 CADEKA-CLC1606 Datasheet
2Mb / 18P
1.3GHz Current Feedback Amplifier
CLC1606ISO8 CADEKA-CLC1606ISO8 Datasheet
2Mb / 18P
1.3GHz Current Feedback Amplifier
CLC1606ISO8X CADEKA-CLC1606ISO8X Datasheet
2Mb / 18P
1.3GHz Current Feedback Amplifier
CLC1606IST5X CADEKA-CLC1606IST5X Datasheet
2Mb / 18P
1.3GHz Current Feedback Amplifier
More results

Similar Description - CLC1606

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2160C ELANTEC-EL2160C Datasheet
566Kb / 18P
180MHz Current Feedback Amplifier
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
200MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004 INTERSIL-HA-5004 Datasheet
503Kb / 8P
100MHz Current Feedback Amplifier
January 1999
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
100MHz Current Feedback Amplifier
logo
Harris Corporation
HA5004 HARRIS-HA5004 Datasheet
503Kb / 8P
100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
100MHz Current Feedback Amplifier
July 1998
logo
Cadeka Microcircuits LL...
CLC1606 CADEKA-CLC1606 Datasheet
2Mb / 18P
1.3GHz Current Feedback Amplifier
logo
Analog Devices
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
Current Feedback Amplifier
23-Feb-2017
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
Current Feedback Amplifier
24-Feb-2017
logo
Renesas Technology Corp
EL400 RENESAS-EL400 Datasheet
725Kb / 9P
200MHz Current Feedback Amplifier
Sep 20, 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com