Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC2000ISO8X Datasheet(PDF) 14 Page - Exar Corporation

Part # CLC2000ISO8X
Description  High Output Current Dual and Quad Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC2000ISO8X Datasheet(HTML) 14 Page - Exar Corporation

Back Button CLC2000ISO8X Datasheet HTML 10Page - Exar Corporation CLC2000ISO8X Datasheet HTML 11Page - Exar Corporation CLC2000ISO8X Datasheet HTML 12Page - Exar Corporation CLC2000ISO8X Datasheet HTML 13Page - Exar Corporation CLC2000ISO8X Datasheet HTML 14Page - Exar Corporation CLC2000ISO8X Datasheet HTML 15Page - Exar Corporation CLC2000ISO8X Datasheet HTML 16Page - Exar Corporation CLC2000ISO8X Datasheet HTML 17Page - Exar Corporation CLC2000ISO8X Datasheet HTML 18Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Data Sheet
©2007-2013 Exar Corporation
14/18
Rev 1D
These measurements are basic and are relatively easy to
perform with standard lab equipment. For design purposes
however, prior knowledge of actual signal levels and load
impedance is needed to determine the dissipated power.
Here, PD can be found from
PD = PQuiescent + PDynamic - PLoad
Quiescent power can be derived from the specified IS val-
ues along with known supply voltage, VSupply. Load power
can be calculated as above with the desired signal ampli-
tudes using:
(VLOAD)RMS = VPEAK / √2
( ILOAD)RMS = (VLOAD)RMS / Rloadeff
The dynamic power is focused primarily within the output
stage driving the load. This value can be calculated as:
PDYNAMIC = (VS+ - VLOAD)RMS × (ILOAD)RMS
Assuming the load is referenced in the middle of the pow-
er rails or Vsupply/2.
Figure 3 shows the maximum safe power dissipation in
the package vs. the ambient temperature for the 8 Lead
SOIC packages.
0
0.5
1
1.5
2
2.5
-40
-20
0
20
40
60
80
Ambient Temperature (°C)
SOIC-14
SOIC-8
Figure 3. Maximum Power Derating
Better thermal ratings can be achieved by maximizing
PC board metallization at the package pins. However, be
careful of stray capacitance on the input pins.
In addition, increased airflow across the package can also
help to reduce the effective ӨJA of the package.
In the event of a short circuit condition, the CLC2000/
CLC4000 has circuitry to limit output drive capability to
±1000mA. This will only protect against a momentary
event. Extended duration under these conditions will
cause junction temperatures to exceed 150°C. Due to
internal metallization constraints, continuous output cur-
rent should be limited to ±100mA.
Driving Capacitive Loads
Increased phase delay at the output due to capacitive load-
ing can cause ringing, peaking in the frequency response,
and possible unstable behavior. Use a series resistance,
RS, between the amplifier and the load to help improve
stability and settling performance. Refer to Figure 4.
+
-
Rf
Input
Output
Rg
Rs
CL
RL
Figure 4. Addition of RS for Driving
Capacitive Loads
Table 1 provides the recommended RS for various capaci-
tive loads. The recommended RS values result in <=1dB
peaking in the frequency response. The Frequency Re-
sponse vs. CL plots, on page 7, illustrates the response of
the CLC2000.
CL (pF)
RS (Ω)
-3dB BW (MHz)
10
40
275
20
24.5
250
50
20
175
100
13.5
135
500
6
75
1000
5
45
Table 1: Recommended RS vs. CL
For a given load capacitance, adjust RS to optimize the
tradeoff between settling time and bandwidth. In general,
reducing RS will increase bandwidth at the expense of ad-
ditional overshoot and ringing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com