Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC2011 Datasheet(PDF) 2 Page - Exar Corporation

Part # CLC2011
Description  Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC2011 Datasheet(HTML) 2 Page - Exar Corporation

  CLC2011 Datasheet HTML 1Page - Exar Corporation CLC2011 Datasheet HTML 2Page - Exar Corporation CLC2011 Datasheet HTML 3Page - Exar Corporation CLC2011 Datasheet HTML 4Page - Exar Corporation CLC2011 Datasheet HTML 5Page - Exar Corporation CLC2011 Datasheet HTML 6Page - Exar Corporation CLC2011 Datasheet HTML 7Page - Exar Corporation CLC2011 Datasheet HTML 8Page - Exar Corporation CLC2011 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
© 2009 - 2014 Exar Corporation
2 / 17
exar.com/CLC2011
Rev 1D
CLC2011, CLC4011
Absolute Maximum Ratings
Stresses beyond the limits listed below may cause
permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect
device reliability and lifetime.
VS ..................................................................................... 0V to 6V
VIN ............................................................ -VS - 0.5V to +VS +0.5V
Continuous Output Current..................................-40mA to +40mA
Operating Conditions
Supply Voltage Range ...................................................2.5 to 5.5V
Operating Temperature Range ...............................-40°C to 125°C
Junction Temperature ........................................................... 150°C
Storage Temperature Range...................................-65°C to 150°C
Lead Temperature (Soldering, 10s) ......................................260°C
Package Thermal Resistance
θJA (SOIC-8).....................................................................150°C/W
θJA (MSOP-8) .................................................................. 200°C/W
θJA (SOIC-14) .................................................................... 90°C/W
θJA (TSSOP-14)................................................................100°C/W
Package thermal resistance (
θJA), JEDEC standard, multi-layer
test boards, still air.
ESD Protection
CLC2011, CLC4011 (HBM) .......................................................2kV
ESD Rating for HBM (Human Body Model).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com