Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC2011ISO8X Datasheet(PDF) 8 Page - Exar Corporation

Part # CLC2011ISO8X
Description  Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC2011ISO8X Datasheet(HTML) 8 Page - Exar Corporation

Back Button CLC2011ISO8X Datasheet HTML 4Page - Exar Corporation CLC2011ISO8X Datasheet HTML 5Page - Exar Corporation CLC2011ISO8X Datasheet HTML 6Page - Exar Corporation CLC2011ISO8X Datasheet HTML 7Page - Exar Corporation CLC2011ISO8X Datasheet HTML 8Page - Exar Corporation CLC2011ISO8X Datasheet HTML 9Page - Exar Corporation CLC2011ISO8X Datasheet HTML 10Page - Exar Corporation CLC2011ISO8X Datasheet HTML 11Page - Exar Corporation CLC2011ISO8X Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
© 2009 - 2014 Exar Corporation
8 / 17
exar.com/CLC2011
Rev 1D
CLC2011, CLC4011
Typical Performance Characteristics
TA = 25°C, VS = +2.7V, Rf = Rg = 5kΩ, RL = 10kΩ to VS/2; G = 2; unless otherwise noted.
Crosstalk vs. Frequency
Output Swing vs. Load
Pulse Response vs. Common Mode Voltage
CMRR
PSRR
Frequency (Hz)
10
100
10000
1000
100000
-90
-80
-70
-60
0
-50
-40
-10
-30
-20
Frequency (Hz)
10
10000
1000
100
100000
-90
-70
-60
-50
-40
0
-30
-20
-10
-80
Input Voltage (0.4V/div)
-2.0
0
2.0
-1.35
0
1.35
RL = 10kΩ
RL = 1kΩ
RL = 75/100Ω
RL = 200Ω
RL = 100Ω
RL = 75Ω
Time (1µs/div)
1.2V offset
0.6V offset
No offset
-0.6V offset
-1.2V offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com