Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC4000ISO14X Datasheet(PDF) 7 Page - Exar Corporation

Part # CLC4000ISO14X
Description  High Output Current Dual and Quad Amplifiers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC4000ISO14X Datasheet(HTML) 7 Page - Exar Corporation

Back Button CLC4000ISO14X Datasheet HTML 3Page - Exar Corporation CLC4000ISO14X Datasheet HTML 4Page - Exar Corporation CLC4000ISO14X Datasheet HTML 5Page - Exar Corporation CLC4000ISO14X Datasheet HTML 6Page - Exar Corporation CLC4000ISO14X Datasheet HTML 7Page - Exar Corporation CLC4000ISO14X Datasheet HTML 8Page - Exar Corporation CLC4000ISO14X Datasheet HTML 9Page - Exar Corporation CLC4000ISO14X Datasheet HTML 10Page - Exar Corporation CLC4000ISO14X Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Data Sheet
©2007-2013 Exar Corporation
7/18
Rev 1D
Typical Performance Characteristics - Continued
TA = 25°C, Vs = 12V, Rf = 510Ω, RL = 100Ω to VS/2, G = 2; unless otherwise noted.
Frequency Response vs. VOUT
Frequency Response vs. VOUT (VS = 5V)
Recommended RS vs. CL
Recommended RS vs. CL (VS = 5V)
Frequency vs. CL
Frequency vs. CL (VS = 5V)
-7
-6
-5
-4
-3
-2
-1
0
1
0.1
1
10
100
1000
Frequency (MHz)
CL = 1000pF
Rs = 5Ω
CL = 500pF
Rs = 6Ω
CL = 100pF
Rs = 13Ω
CL = 50pF
Rs = 20Ω
CL = 10pF
Rs = 30Ω
VOUT = 0.2Vpp
-7
-6
-5
-4
-3
-2
-1
0
1
0.1
1
10
100
1000
Frequency (MHz)
CL = 1000pF
Rs = 5Ω
CL = 500pF
Rs = 6Ω
CL = 100pF
Rs = 13Ω
CL = 50pF
Rs = 25Ω
CL = 10pF
Rs = 45Ω
VOUT = 0.2Vpp
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
10
100
1000
CL (pf)
VOUT = 0.2Vpp
RS optimized for <1dB peaking
0
5
10
15
20
25
30
35
40
45
10
100
1000
CL (pF)
VOUT = 0.2Vpp
RS optimized for <1dB peaking
-7
-6
-5
-4
-3
-2
-1
0
1
0.1
1
10
100
1000
Frequency (MHz)
VOUT = 1Vpp
VOUT = 2Vpp
VOUT = 4Vpp
VOUT = 5Vpp
-7
-6
-5
-4
-3
-2
-1
0
1
0.1
1
10
100
1000
Frequency (MHz)
VOUT = 1Vpp
VOUT = 2Vpp
VOUT = 3Vpp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com