Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC2011ISO8EVB Datasheet(PDF) 11 Page - Exar Corporation

Part # CLC2011ISO8EVB
Description  Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC2011ISO8EVB Datasheet(HTML) 11 Page - Exar Corporation

Back Button CLC2011ISO8EVB Datasheet HTML 7Page - Exar Corporation CLC2011ISO8EVB Datasheet HTML 8Page - Exar Corporation CLC2011ISO8EVB Datasheet HTML 9Page - Exar Corporation CLC2011ISO8EVB Datasheet HTML 10Page - Exar Corporation CLC2011ISO8EVB Datasheet HTML 11Page - Exar Corporation CLC2011ISO8EVB Datasheet HTML 12Page - Exar Corporation CLC2011ISO8EVB Datasheet HTML 13Page - Exar Corporation CLC2011ISO8EVB Datasheet HTML 14Page - Exar Corporation CLC2011ISO8EVB Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
© 2009 - 2014 Exar Corporation
11 / 17
exar.com/CLC2011
Rev 1D
CLC2011, CLC4011
Table 1 provides the recommended RS for various capacitive
loads. The recommended RS values result in approximately
<1dB peaking in the frequency response. The Frequency
Response vs. CL plot, on page 6, illustrates the response
of the CLCx011.
CL (pF)
RS (Ω)
-3dB BW (MHz)
10pF
0
2.2
20pF
0
2.4
50pF
0
2.5
100pF
100
2
Table 1: Recommended RS vs. CL
For a given load capacitance, adjust RS to optimize the
tradeoff between settling time and bandwidth. In general,
reducing RS will increase bandwidth at the expense of
additional overshoot and ringing.
Overdrive Recovery
An overdrive condition is defined as the point when either
one of the inputs or the output exceed their specified
voltage range. Overdrive recovery is the time needed for the
amplifier to return to its normal or linear operating point. The
recovery time varies, based on whether the input or output
is overdriven and by how much the range is exceeded.
The CLCx011 will typically recover in less than 50ns from
an overdrive condition. Figure 8 shows the CLC2011 in an
overdriven condition.
Figure 8: Overdrive Recovery
Layout Considerations
General layout and supply bypassing play major roles in
high frequency performance. Exar has evaluation boards to
use as a guide for high frequency layout and as an aid in
device testing and characterization. Follow the steps below
as a basis for high frequency layout:
■
■
Include 6.8µF and 0.1µF ceramic capacitors for power supply
decoupling
■
■
Place the 6.8µF capacitor within 0.75 inches of the power pin
■
■
Place the 0.1µF capacitor within 0.1 inches of the power pin
■
■
Remove the ground plane under and around the part,
especially near the input and output pins to reduce parasitic
capacitance
■
■
Minimize all trace lengths to reduce series inductances
Refer to the evaluation board layouts below for more
information.
Evaluation Board Information
The following evaluation boards are available to aid in the
testing and layout of these devices:
Evaluation Board #
Products
CEB006
CLC2011 in SOIC
CEB010
CLC2011 in MSOP
CEB019
CLC4011 in TSSOP
CEB018
CLC4011 in SOIC
Evaluation Board Schematics
Evaluation board schematics and layouts are shown in
Figures 9-16 These evaluation boards are built for dual-
supply operation. Follow these steps to use the board in a
single-supply application:
1. Short -VS to ground.
2. Use C3 and C4, if the -VS pin of the amplifier is not
directly connected to the ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com