Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC2011IMP8X Datasheet(PDF) 4 Page - Exar Corporation

Part # CLC2011IMP8X
Description  Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

CLC2011IMP8X Datasheet(HTML) 4 Page - Exar Corporation

  CLC2011IMP8X Datasheet HTML 1Page - Exar Corporation CLC2011IMP8X Datasheet HTML 2Page - Exar Corporation CLC2011IMP8X Datasheet HTML 3Page - Exar Corporation CLC2011IMP8X Datasheet HTML 4Page - Exar Corporation CLC2011IMP8X Datasheet HTML 5Page - Exar Corporation CLC2011IMP8X Datasheet HTML 6Page - Exar Corporation CLC2011IMP8X Datasheet HTML 7Page - Exar Corporation CLC2011IMP8X Datasheet HTML 8Page - Exar Corporation CLC2011IMP8X Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
© 2009 - 2014 Exar Corporation
4 / 17
exar.com/CLC2011
Rev 1D
CLC2011, CLC4011
Electrical Characteristics at +5V
TA = 25°C, VS = +5V, Rf = Rg = 5kΩ, RL = 10kΩ to VS/2; G = 2; unless otherwise noted.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Frequency Domain Response
UGBWSS
Unity Gain -3dB Bandwidth
G = +1, VOUT = 0.02Vpp
4.3
MHz
BWSS
-3dB Bandwidth
G = +2, VOUT = 0.2Vpp
3.0
MHz
BWLS
Large Signal Bandwidth
G = +2, VOUT = 2Vpp
2.3
MHz
GBWP
Gain Bandwidth Product
G = +11, VOUT = 0.2Vpp
2.5
MHz
Time Domain Response
tR, tF
Rise and Fall Time
VOUT = 1V step; (10% to 90%)
110
ns
tS
Settling Time to 0.1%
VOUT = 2V step
470
ns
OS
Overshoot
VOUT = 1V step
<1
%
SR
Slew Rate
2V step
9
V/μs
Distortion/Noise Response
HD2
2nd Harmonic Distortion
10kHz, VOUT = 1Vpp
-73
dBc
HD3
3rd Harmonic Distortion
10kHz, VOUT = 1Vpp
-75
dBc
THD
Total Harmonic Distortion
10kHz, VOUT = 1Vpp
0.03
%
en
Input Voltage Noise
>10kHz
22
nV/√Hz
XTALK
Crosstalk
Channel to Channel, VOUT = 2Vpp, f = 10kHz
82
dB
Channel to Channel, VOUT = 2Vpp, f = 50kHz
74
dB
DC Performance
VIO
Input Offset Voltage
-8
1.5
8
mV
dVIO
Average Drift
15
μV/°C
IB
Input Bias Current
90
450
nA
dIB
Average Drift
40
pA/°C
PSRR
Power Supply Rejection Ratio
DC
55
85
dB
AOL
Open Loop Gain
VOUT = VS / 2
80
dB
IS
Supply Current
per channel
160
235
μA
Input Characteristics
RIN
Input Resistance
Non-inverting
12
M
Ω
CIN
Input Capacitance
2
pF
CMIR
Common Mode Input Range
-0.25 to
5.25
V
CMRR
Common Mode Rejection Ratio
DC
58
80
dB
Output Characteristics
VOUT
Output Voltage Swing
RL = 10kΩ to VS / 2
0.08 to
4.92
0.04 to
4.96
V
RL = 1kΩ to VS / 2
0.07 to
4.9
V
RL = 200Ω to VS / 2
0.14 to
4.67
V
IOUT
Output Current
±35
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com